Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP2060GD Datasheet(PDF) 4 Page - Kingbright Corporation

Part # WP2060GD
Description  1.8mm SOLID STATE LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP2060GD Datasheet(HTML) 4 Page - Kingbright Corporation

  WP2060GD Datasheet HTML 1Page - Kingbright Corporation WP2060GD Datasheet HTML 2Page - Kingbright Corporation WP2060GD Datasheet HTML 3Page - Kingbright Corporation WP2060GD Datasheet HTML 4Page - Kingbright Corporation WP2060GD Datasheet HTML 5Page - Kingbright Corporation WP2060GD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAF0493
REV NO: V.3
DATE: APR/28/2007
PAGE: 4 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101002654
PACKING & LABEL SPECIFICATIONS
WP2060GD


Similar Part No. - WP2060GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP2060ED KINGBRIGHT-WP2060ED Datasheet
394Kb / 6P
   1.8mm SOLID STATE LAMP
WP2060ID KINGBRIGHT-WP2060ID Datasheet
412Kb / 6P
   1.8mm SOLID STATE LAMP
WP2060SRD KINGBRIGHT-WP2060SRD Datasheet
410Kb / 6P
   1.8mm SOLID STATE LAMP
WP2060YD KINGBRIGHT-WP2060YD Datasheet
395Kb / 6P
   1.8mm SOLID STATE LAMP
More results

Similar Description - WP2060GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP4060ED KINGBRIGHT-WP4060ED_15 Datasheet
321Kb / 6P
   1.8mm SOLID STATE LAMP
WP2060YD KINGBRIGHT-WP2060YD Datasheet
395Kb / 6P
   1.8mm SOLID STATE LAMP
WP1060GD KINGBRIGHT-WP1060GD Datasheet
71Kb / 3P
   1.8mm SOLID STATE LAMP
WP1060YD KINGBRIGHT-WP1060YD Datasheet
75Kb / 3P
   1.8mm SOLID STATE LAMP
L-2060ED KINGBRIGHT-L-2060ED Datasheet
72Kb / 3P
   1.8mm SOLID STATE LAMP
logo
SunLED Corporation
LUG61D SUNLED-LUG61D Datasheet
179Kb / 4P
   1.8mm SOLID STATE LAMP
LUY61D SUNLED-LUY61D Datasheet
180Kb / 4P
   1.8mm SOLID STATE LAMP
logo
Kingbright Corporation
WP2060ID KINGBRIGHT-WP2060ID Datasheet
412Kb / 6P
   1.8mm SOLID STATE LAMP
WP4060YD KINGBRIGHT-WP4060YD_15 Datasheet
321Kb / 6P
   1.8mm SOLID STATE LAMP
WP1060ED KINGBRIGHT-WP1060ED Datasheet
72Kb / 3P
   1.8mm SOLID STATE LAMP
WP1060SRD KINGBRIGHT-WP1060SRD Datasheet
76Kb / 3P
   1.8mm SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com