Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MXL Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9328MXL
Description  MX Family of applications processors
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MXL Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9328MXL_06 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9328MXL_06 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9328MXL_06 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9328MXL_06 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9328MXL_06 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9328MXL_06 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9328MXL_06 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9328MXL_06 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MXL_06 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
© Freescale Semiconductor, Inc., 2004, 2005, 2006. All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
Document Number: MC9328MXL
Rev. 8, 12/2006
MC9328MXL
Package Information
Plastic Package
Case 1304B-01
(MAPBGA–225)
Ordering Information
See Table 1 on page 3
MC9328MXL
1
Introduction
The i.MX Family of applications processors provides a
leap in performance with an ARM9™ microprocessor
core and highly integrated system functions. The i.MX
family specifically addresses the requirements of the
personal, portable product market by providing
intelligent integrated peripherals, an advanced processor
core, and power management capabilities.
The MC9328MXL (i.MXL) processor features the
advanced and power-efficient ARM920T™ core that
operates at speeds up to 200 MHz. Integrated modules,
which include a USB device, an LCD controller, and an
MMC/SD host controller, support a suite of peripherals
to enhance portable products seeking to provide a rich
multimedia experience. It is packaged in either a
256-contact Mold Array Process-Ball Grid Array
(MAPBGA) or 225-contact MAPBGA package.
Figure 1 shows the functional block diagram of the
i.MXL processor.
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Signals and Connections . . . . . . . . . . . . . . . 4
3 Electrical Characteristics . . . . . . . . . . . . . . 17
4 Functional Description and Application
Information . . . . . . . . . . . . . . . . . . . . . . . . . . 20
5 Pin-Out and Package Information . . . . . . . . 84
6 Product Documentation . . . . . . . . . . . . . . . . 88
Contact Information . . . . . . . . . . . . . . . Last Page


Similar Part No. - MC9328MXL_06

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MXL/D FREESCALE-MC9328MXL/D Datasheet
1Mb / 84P
   i.MX Integrated Portable System Processor
MC9328MXLCVF15 FREESCALE-MC9328MXLCVF15 Datasheet
1Mb / 84P
   i.MX Integrated Portable System Processor
MC9328MXLCVH15 FREESCALE-MC9328MXLCVH15 Datasheet
1Mb / 84P
   i.MX Integrated Portable System Processor
MC9328MXLCVM15 FREESCALE-MC9328MXLCVM15 Datasheet
1Mb / 84P
   i.MX Integrated Portable System Processor
MC9328MXLCVP15 FREESCALE-MC9328MXLCVP15 Datasheet
1Mb / 84P
   i.MX Integrated Portable System Processor
More results

Similar Description - MC9328MXL_06

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1_06 Datasheet
1Mb / 100P
   MX Family of applications processors
MC9328MXS FREESCALE-MC9328MXS Datasheet
1Mb / 74P
   MX Family of applications processors
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
Cree, Inc
MX3AWT-A1-0000-000ADZ CREE-MX3AWT-A1-0000-000ADZ Datasheet
1,017Kb / 24P
   XLamp MX Family LEDs
logo
Texas Instruments
OMAP3515 TI1-OMAP3515_17 Datasheet
2Mb / 263P
[Old version datasheet]   Applications Processors
OMAP3530 TI1-OMAP3530_17 Datasheet
2Mb / 265P
[Old version datasheet]   Applications Processors
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
[Old version datasheet]   Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com