Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX1DVM15 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC9328MX1DVM15
Description  MX Family of applications processors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX1DVM15 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC9328MX1DVM15 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9328MX1DVM15 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9328MX1DVM15 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MX1DVM15 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9328MX1DVM15 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9328MX1DVM15 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9328MX1DVM15 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9328MX1DVM15 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9328MX1DVM15 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
Signals and Connections
MC9328MX1 Technical Data, Rev. 7
10
Freescale Semiconductor
2.1
I/O Pads Power Supply and Signal Multiplexing Scheme
This section describes detailed information about both the power supply for each I/O pin and its function
multiplexing scheme. The user can reference information provided in Table 6 on page 23 to configure the
power supply scheme for each device in the system (memory and external peripherals). The function
multiplexing information also shown in Table 6 allows the user to select the function of each pin by
configuring the appropriate GPIO registers when those pins are multiplexed to provide different functions.
BT4
Input
BT5
Output
BT6
Output
BT7
Output
BT8
Output
BT9
Output
BT10
Output
BT11
Output
BT12
Output
BT13
Output
BTRF VDD
Power supply from external BT RFIC
BTRF GND
Ground from external BT RFIC
Test Function
TRISTATE
Forces all I/O signals to high impedance for test purposes. For normal operation, terminate this input
with a 1 k ohm resistor to ground. (TRI-STATE® is a registered trademark of National Semiconductor.)
Digital Supply Pins
NVDD
Digital Supply for the I/O pins
NVSS
Digital Ground for the I/O pins
Supply Pins – Analog Modules
AVDD
Supply for analog blocks
Internal Power Supply
QVDD
Power supply pins for silicon internal circuitry
QVSS
Ground pins for silicon internal circuitry
Table 2. i.MX1 Signal Descriptions (Continued)
Signal Name
Function/Notes


Similar Part No. - MC9328MX1DVM15

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX1DVM20 FREESCALE-MC9328MX1DVM20 Datasheet
1Mb / 96P
   i.MX Integrated Portable System Processor
More results

Similar Description - MC9328MX1DVM15

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MXL FREESCALE-MC9328MXL_06 Datasheet
1Mb / 90P
   MX Family of applications processors
MC9328MXS FREESCALE-MC9328MXS Datasheet
1Mb / 74P
   MX Family of applications processors
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
Cree, Inc
MX3AWT-A1-0000-000ADZ CREE-MX3AWT-A1-0000-000ADZ Datasheet
1,017Kb / 24P
   XLamp MX Family LEDs
logo
Texas Instruments
OMAP3515 TI1-OMAP3515_17 Datasheet
2Mb / 263P
[Old version datasheet]   Applications Processors
OMAP3530 TI1-OMAP3530_17 Datasheet
2Mb / 265P
[Old version datasheet]   Applications Processors
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
[Old version datasheet]   Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com