Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8178TB-E3-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # UPC8178TB-E3-A
Description  SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8178TB-E3-A Datasheet(HTML) 1 Page - California Eastern Labs

  UPC8178TB-E3-A Datasheet HTML 1Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 2Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 3Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 4Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 5Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 6Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SILICON RFIC
LOW CURRENT AMPLIFIER
FOR MOBILE COMMUNICATIONS
UPC8178TB
DESCRIPTION
The UPC8178TB is a silicon monolithic integrated circuit
designed as an amplifier for mobile communications. This IC
can realize low current consumption with an external chip
inductor which cannot be realized on an internal 50 Ω wideband
matched IC. This low current amplifier operates on 3.0 V. This
device is manufactured using NEC's 30 GHz fmax UHS0 (Ultra
High Speed Process) silicon bipolar process which uses direct
silicon nitride passivation film and gold electrodes. These
materials can protect the chip surface from pollution and
prevent corrosion/migration. Thus, this IC has excellent perfor-
mance, uniformity and reliability.
NEC's stringent quality assurance and test procedures ensure
the highest reliability and performance.
California Eastern Laboratories
APPLICATIONS
• Buffer Amplifiers on 0.1 to 2.4 GHz mobile
communications system
PART NUMBER
UPC8178TB
PACKAGE OUTLINE
S06
SYMBOLS
PARAMETERS AND CONDITIONS1
UNITS
MIN
TYP
MAX
ICC
Circuit Current (no signal)
mA
1.4
1.9
2.4
GP
f = 1.0 GHz
dB
9.0
11.0
13.0
Power Gain
f = 1.9 GHz
dB
9.0
11.5
13.5
f = 2.4 GHz
dB
9.0
11.5
13.5
ISOL
f = 1.0 GHz
dB
34
39
Isolation
f = 1.9 GHz
dB
35
40
f = 2.4 GHz
dB
33
38
PO(1dB)
f = 1.0 GHz
dBm
-8.0
-4.0
1 dB Gain Compression Output Power
f = 1.9 GHz
dBm
-11.0
-7.0
f = 2.4 GHz
dBm
-11.5
-7.5
NF
f = 1.0 GHz
dB
5.5
7.0
Noise Figure
f = 1.9 GHz
dB
5.5
7.0
f = 2.4 GHz
dB
5.5
7.0
RLin
f = 1.0 GHz
dB
4
7
Input Return Loss
f = 1.9 GHz
dB
5
8
f = 2.4 GHz
dB
6.5
9.5
ELECTRICAL CHARACTERISTICS
(TA = 25°C, VCC = VOUT = 3.0 V, ZS = ZL = 50 Ω, at LC matched frequency unless otherwise specified))
• LOW CURRENT CONSUMPTION
ICC = 1.9 mA TYP @ VCC = 3.0 V
• SUPPLY VOLTAGE:
VCC = 2.4 to 3.3 V
• EXCELLENT ISOLATION:
ISOL = 39 dB TYP @ f = 1.0 GHz
ISOL = 40 dB TYP @ f = 1.9 GHz
ISOL = 38 dB TYP @ f = 2.4 GHz
• POWER GAIN:
GP = 11.0 dB TYP @ f = 1.0 GHz
GP = 11.5 dB TYP @ f = 1.9 GHz
GP = 11.5 dB TYP @ f = 2.4 GHz
• OPERATING FREQUENCY:
0.1 to 2.4 GHz (Output port LC matching)
• 1 dB GAIN COMPRESSION OUTPUT POWER:
PO(1 dB) = -4.0 dBm TYP @ f = 1.0 GHz
PO(1 dB) = -7.0 dBm TYP @ f = 1.9 GHz
PO(1 dB) = -7.5 dBm TYP @ f = 2.4 GHz
• HIGH-DENSITY SURFACE MOUNTING:
6-pin super minimold package (2.0 x 1.25 x 0.9 mm)
• LOW WEIGHT:
7 mg (Standard Value)
FEATURES
+20
+10
0
-10
-20
-30
-40
0.1
1.0
0.3
3.0
TA = -40°C
TA = +85°C
TA = +25°C
VCC = 3.0 V
1.9 GHz
2.4 GHz
1.0 GHz
POWER GAIN vs. FREQUENCY


Similar Part No. - UPC8178TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8178TB-E3 NEC-UPC8178TB-E3 Datasheet
165Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8178TB-E3 RENESAS-UPC8178TB-E3 Datasheet
418Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC8178TB-E3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com