Electronic Components Datasheet Search |
|
NX8567SAS409-BC Datasheet(PDF) 2 Page - California Eastern Labs |
|
NX8567SAS409-BC Datasheet(HTML) 2 Page - California Eastern Labs |
2 / 5 page NX8567SA SERIES ELECTRO-OPTICAL CHARACTERISTICS (TLD = Tset, TC = -5 to +70°C, Unless otherwise speciÞed) PART NUMBER NX8567SA SERIES SYMBOLS PARAMETERS AND CONDITIONS UNITS MIN TYP MAX DP Dispension Penalty, IFLD = Iop, SMF Under modulation2,4 dB – – 2 IS Isolation dB 23 – – S11 Input Return Loss IFLD = Iop, VEA = -1 V, 50 Ω 130 MHz to 2 GHz dB –– -8 IFLD = Iop, VEA = -1 V, 50 Ω 2 GHz to 2.5 GHz –– -5 Notes: 1. Tset is a certain point between 20 and 35C for ITU-T grid wavelength 2. 2.48832 Gb/s, PRBS 223 -1, VEA = Vcenter ±1/2 Vmod, IFLD = Iop, TLD = Tset, NEC Test System Vcenter : a certain point between -2.0 and -0.5 V Vmod : a certain point 3 V or below Iop : a certain point between 50 and 80 mA 3. Available for DWDM wavelenght based on ITU-T recommendation (100 GHz grid). Please refer to ORDERING INFORMATION. 4. BER = 10-10, NX8567SAS: 240 km(4320 ps/nm) BER = 10-10, NX8567SAM: 360 km (6480 ps/nm) BER = 10-10, NX8567SA: 600 km (10800 ps/nm) ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Monitor PD, TLD = Tset, T C = -5 to +70°C, BOL) SYMBOLS PARAMETERS AND CONDITIONS UNITS MIN TYP MAX Im (Pf) Monitor Current (Pf Monitor), VRPD = 5 V, IFLD = Iop µA10 – 200 Im (λp) Monitor Current (λp Monitor), VRPD = 5 V, IFLD = Iop, Locking point µA5 – 100 Im (λ) Operation Region % 25 – 75 |λ1-λ2| pm 90 – – ηλ Discrimination Slope1, VRPD = 5 V, IFLD = Iop, Locking point µA/pm 0.24 – – ID Dark Current, VRPD = 5 V, VEA = 0 V nA – – 10 Ct Terminal Capacitance, VRPD = 5 V, f = 1 MHz pF – – 15 γ2 Tracking Error, Im(Pf) = const. dB – – 0.5 Note: 1. Operating region, Discrimination slope, Slope assignment 0 Im (λ) Im @100% Im (λp) Im @0% I1: Im @75% I2: Im @25% λ1 λ2 λp λ (nm) Locking point Negative Slope Operation region 0 Im (λ) Im @100% Im (λp) Im @0% I2: Im @75% I1: Im @25% λ1 λ2 λp λ (nm) Locking point Positive Slope Operation region λ1 – λ2 I1 – I2 λ = [ A/pm] η µ Pf (mW) 0 Im Im TLD = Tset, TC = 25ûC TLD = Tset, TC = –20 to +70ûC Pop Pf γ = 10 log [dB] Pf Pop 2. Tracking error: γ |
Similar Part No. - NX8567SAS409-BC |
|
Similar Description - NX8567SAS409-BC |