Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-FL680M100V16X31.5F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRE-FL680M100V16X31.5F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-FL680M100V16X31.5F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRE-FL680M100V16X31.5F Datasheet HTML 1Page - NIC-Components Corp. NRE-FL680M100V16X31.5F Datasheet HTML 2Page - NIC-Components Corp. NRE-FL680M100V16X31.5F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
135
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Cap.
(
µF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
160
200
250
0.47
R47
-
-
-
-
-
5x11
-
5x11
-
-
-
1.0
1R0
-
-
-
-
-
5x11
-
5x11
-
-
-
2.2
2R2
-
-
-
-
-
5x11
-
5x11
-
-
-
3.3
3R3
-
-
-
-
-
5x11
-
5x11
-
-
-
4.7
4R7
-
-
-
-
-
5x11
-
5x11
-
-
-
10
100
-
-
-
-
-
5x11
5x11
6.3x11
-
-
-
22
220
-
-
-
-
-
5x11
6.3x11
8x11.5
10x20
10x20
10x20
33
330
-
-
-
5x11
5x11
6.3x11
6.3x11 10x12.5 12.5x20 12.5x25 12.5x25
47
470
-
-
5x11
5x11
6.3x11
6.3x11
8x11.5
10x16
12.5x25 12.5x25
16x25
68
680
-
-
-
-
-
-
-
-
12.5x25
16x25
16x31.5
100
101
5x11
5x11
6.3x11
6.3x11
8x11.5
8x11.5 10x12.5 12.5x20
16x25
16x31.5 16x35.5
150
151
-
-
-
-
-
-
-
-
16x31.5 16x35.5
-
220
221
6.3x11
6.3x11
8x11.5
8x11.5 10x12.5
10x16
10x20
16x25
18x35.5 18x35.5
-
330
331
6.3x11
8x11.5
8x11.5 10x12.5
10x16
10x20
12.5x20
16x25
-
-
-
470
471
8x11.5
8x11.5 10x12.5
10x16
10x20
12.5x20 12.5x25
-
-
-
-
1000
102
10x12.5
10x16
10x20
12.5x20 12.5x25
16x25
16x31.5
-
-
-
-
2200
222
12.5x20 12.5x20 12.5x25
16x25
16x31.5 18x35.5
-
-
-
-
-
3300
332
12.5x20 12.5x25
16x25
16x31.5 18x35.5
-
-
-
-
-
-
4700
472
16x25
16x25
16x31.5 18x35.5
-
-
-
-
-
-
-
6800
682
16x25
16x31.5 18x35.5
-
-
-
-
-
-
-
-
10000
103
16x31.5 18x35.5
-
-
-
-
-
-
-
-
-
15000
153
18x35.5
-
-
-
-
-
-
-
-
-
-
Miniature Aluminum Electrolytic Capacitors
NRE-FL Series
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
56.3
8
10 12.5 16
18
Lead Dia. (D
φ)
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
7.5
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
0.5
0.5
Dim.
β
L<16mm: 1.5mm, L>20mm: 2.0mm
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking


Similar Part No. - NRE-FL680M100V16X31.5F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-FL680M160V12.5x25F NIC-NRE-FL680M160V12.5x25F Datasheet
102Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
NRE-FL680M160V125x25F NIC-NRE-FL680M160V125x25F Datasheet
102Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-FL680M100V16X31.5F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com