Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3228T5S-E2-A Datasheet(PDF) 11 Page - California Eastern Labs

Part # UPC3228T5S-E2-A
Description  LOW DISTORTION DOWN-CONVERTER AGC AMPLIFIER VIDEO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3228T5S-E2-A Datasheet(HTML) 11 Page - California Eastern Labs

Back Button UPC3228T5S-E2-A Datasheet HTML 5Page - California Eastern Labs UPC3228T5S-E2-A Datasheet HTML 6Page - California Eastern Labs UPC3228T5S-E2-A Datasheet HTML 7Page - California Eastern Labs UPC3228T5S-E2-A Datasheet HTML 8Page - California Eastern Labs UPC3228T5S-E2-A Datasheet HTML 9Page - California Eastern Labs UPC3228T5S-E2-A Datasheet HTML 10Page - California Eastern Labs UPC3228T5S-E2-A Datasheet HTML 11Page - California Eastern Labs UPC3228T5S-E2-A Datasheet HTML 12Page - California Eastern Labs UPC3228T5S-E2-A Datasheet HTML 13Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGE DIMENSIONS
32-PIN PLASTIC QFN (UNIT: mm)
Laser Marked Index
5.0±0.1
(Bottom View)
(Side View)
(Top View)
(Side View)
(0.21)
(0.20)
(0.865)
(1.1)
0.4
(1.75)
Exposed Die Pad
To be connected
1
2
2
1
C3228
Data Sheet PU10623EJ01V0DS
11
PC3228T5S


Similar Part No. - UPC3228T5S-E2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC3228T5S-E2-A RENESAS-UPC3228T5S-E2-A Datasheet
370Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
More results

Similar Description - UPC3228T5S-E2-A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
LP502 GENNUM-LP502 Datasheet
106Kb / 4P
   Low Distortion AGC Compression Amplifier
logo
List of Unclassifed Man...
GC4130A ETC1-GC4130A Datasheet
198Kb / 4P
   GC4130A Low Distortion AGC Amplifier
LD502 ETC-LD502 Datasheet
159Kb / 4P
   Low Distortion AGC Compression Amplifier
logo
California Eastern Labs
UPC3219GV CEL-UPC3219GV Datasheet
474Kb / 7P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
UPC3217GV CEL-UPC3217GV Datasheet
587Kb / 8P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
UC3221GV CEL-UC3221GV Datasheet
473Kb / 19P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
   AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com