Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSH151M50V10X23F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSH151M50V10X23F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSH151M50V10X23F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSH151M50V10X23F Datasheet HTML 1Page - NIC-Components Corp. NRSH151M50V10X23F Datasheet HTML 2Page - NIC-Components Corp. NRSH151M50V10X23F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
78
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
79
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NRSH Series
Capacitance
(
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
27
-
-
-
-
-
238
47
-
-
-
-
345
-
56
-
-
-
-
-
385
68
-
-
-
345
-
-
100
-
-
345
-
540
724
120
-
-
-
-
-
950
150
-
345
-
540
-
979
180
-
-
-
-
-
1190
220
345
-
540
-
945
1370
270
-
-
-
-
1250
1580
330
-
540
-
945
1330
1870
390
-
-
-
1250
1500
-
470
540
-
945
1330
1760
2050
560
-
-
-
1500
1960
2410
680
-
945
1250
1760
2250
2860
1330
820
945
-
-
1960
-
2960
2730
1,000
1250
1500
2250
2480
3010
1330
1760
1,200
1250
-
-
-
2900
-
1330
1,500
1500
1500
1960
2480
3450
-
1760
3250
1,800
1760
1960
2250
2900
3570
-
2,200
1960
2250
2480
3450
3630
-
3250
2,700
2250
-
2900
3570
-
-
3,300
-
2480
3450
3630
-
-
3250
3,900
2480
2900
3570
-
-
-
4,700
2900
3450
3630
-
-
-
3250
5,600
3450
3570
-
-
-
-
6,800
3250
3630
-
-
-
-
3570
8,200
3630
-
-
-
-
-
Capacitance
(
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
27
-
-
-
-
-
0.340
47
-
-
-
-
0.220
-
56
-
-
-
-
-
0.140
68
-
-
-
0.220
-
-
100
-
-
0.220
-
0.094
0.074
120
-
-
-
-
-
0.061
150
-
0.220
-
0.094
-
0.061
180
-
-
-
-
-
0.046
220
0.220
-
0.094
-
0.056
0.042
270
-
-
-
-
0.045
0.030
330
-
0.094
-
0.056
0.039
0.028
390
-
-
-
0.045
0.029
-
470
0.094
-
0.056
0.039
0.028
0.027
560
-
-
-
0.029
0.020
0.023
680
-
0.056
0.045
0.028
0.018
0.021
0.039
820
0.056
-
-
0.020
-
0.019
0.023
1,000
0.045
0.029
0.018
0.017
0.021
0.039
0.028
1,200
0.045
-
-
-
0.015
-
0.039
1,500
0.029
0.029
0.020
0.017
0.013
-
0.028
0.015
1,800
0.028
0.020
0.018
0.015
0.012
-
2,200
0.020
0.018
0.017
0.013
0.013
-
0.015
2,700
0.018
-
0.015
0.012
-
-
3,300
-
0.017
0.013
0.013
-
-
0.015
3,900
0.017
0.015
0.012
-
-
-
4,700
0.015
0.013
0.013
-
-
-
0.015
5,600
0.013
0.012
-
-
-
-
6,800
0.015
0.013
-
-
-
-
0.012
8,200
0.013
-
-
-
-
-
MAXIMUM IMPEDANCE (
Ω AT 100KHz & 20°C)
MAXIMUM RIPPLE CURRENT (mA rms AT 100KHz & 105°C)
Frequency (Hz)
120
1K
10K
<100K
27
µF
0.42
0.70
0.90
1.00
47 ~ 270
µF
0.50
0.73
0.92
1.00
330 ~ 680
µF
0.55
0.77
0.94
1.00
820 ~ 1800
µF
0.60
0.80
0.96
1.00
2200 ~ 8200
µF
0.70
0.85
0.98
1.00
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS


Similar Part No. - NRSH151M50V10X23F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSH151M50V10x125F NIC-NRSH151M50V10x125F Datasheet
93Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSH151M50V10X23F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com