Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32S64APFB-7 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # MH32S64APFB-7
Description  2147483648-BIT (33554432 - WORD BY 64-BIT)SynchronousDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S64APFB-7 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button MH32S64APFB-7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32S64APFB-7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32S64APFB-7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32S64APFB-7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32S64APFB-7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32S64APFB-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32S64APFB-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH32S64APFB-7 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MH32S64APFB-7 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
16.Mar.2000
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0358-0.2
MH32S64APFB -7,-8
2147483648-BIT (33554432 - WORD BY 64-BIT)SynchronousDRAM
BASIC FUNCTIONS
/S
Chip Select : L=select, H=deselect
/RAS
Command
/CAS
Command
/WE
Command
CKE
Ref resh Option @ref resh command
A10
Precharge Option @precharge or read/write command
CK
def ine basic commands
The MH32S64APFB provides basic functions,bank(row)activate,burst read / write,
bank(row)precharge,and auto / self refresh.
Each command is defined by control s ignals of /RAS,/CAS and /WE at CK rising edge.
In addition to 3 s ignals,/S,CKE and A10 are used as chip select,refresh option,and
precharge option,respectively.
To know the detailed definition of commands please see the command truth table.
Activate(ACT) [/RAS =L, /CAS = /WE =H]
Read(READ) [/RAS =H,/CAS =L, /WE =H]
Write(WRITE) [/RAS =H, /CAS = /WE =L]
Precharge(PRE) [/RAS =L, /CAS =H,/WE =L]
Auto-Refresh(REFA) [/RAS =/CAS =L, /WE =CKE =H]
ACT command activates a row in an idle bank indicated by BA.
READ command starts burst read from the active bank indicated by BA.Firs t output
data appears after /CAS latency. When A10 =H at this command,the bank is
deactivated after the burst read(auto-precharge,READA).
WRITE command starts burst write to the active bank indicated by BA. Total data
length to be written is set by burst length. When A10 =H at this command, the bank is
deactivated after the burst write(auto-precharge,WRITEA).
PRE command deactivates the active bank indicated by BA. This command also
term inates burst read / write operation. When A10 =H at this command, both banks
are deactivated(precharge all, PREA).
REFA command starts auto-refresh cycle. Refresh address including bank address
are generated internally. After this command, the banks are precharged automatically.
7


Similar Part No. - MH32S64APFB-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S64APHB-6 MITSUBISHI-MH32S64APHB-6 Datasheet
699Kb / 55P
   2,147,483,648-BIT (33,554,432 - WORD BY 64-BIT)Synchronous DRAM
MH32S64APHB-7 MITSUBISHI-MH32S64APHB-7 Datasheet
699Kb / 55P
   2,147,483,648-BIT (33,554,432 - WORD BY 64-BIT)Synchronous DRAM
MH32S64APHB-8 MITSUBISHI-MH32S64APHB-8 Datasheet
699Kb / 55P
   2,147,483,648-BIT (33,554,432 - WORD BY 64-BIT)Synchronous DRAM
More results

Similar Description - MH32S64APFB-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S64PFJ-6 MITSUBISHI-MH32S64PFJ-6 Datasheet
690Kb / 55P
   2147483648-BIT (33554432 - WORD BY 64-BIT)SynchronousDRAM
MH32S72PHB-7 MITSUBISHI-MH32S72PHB-7 Datasheet
595Kb / 55P
   2415919104-BIT (33554432 - WORD BY 72-BIT)SynchronousDRAM
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH4S64DBKG-7 MITSUBISHI-MH4S64DBKG-7 Datasheet
681Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PHB-7 MITSUBISHI-MH16S64PHB-7 Datasheet
589Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
670Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BKG-10 MITSUBISHI-MH4S64BKG-10 Datasheet
572Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PFC-7 MITSUBISHI-MH16S64PFC-7 Datasheet
583Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com