Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP1060ID Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP1060ID
Description  1.8mm SOLID STATE LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1060ID Datasheet(HTML) 2 Page - Kingbright Corporation

  WP1060ID Datasheet HTML 1Page - Kingbright Corporation WP1060ID Datasheet HTML 2Page - Kingbright Corporation WP1060ID Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAF2116
REV NO: V.1
DATE: APR/11/2005
PAGE: 2 OF 3
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN:W.J.ZHU
ERP:1101002660
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Iv (mcd)
@ 10mA
Viewing
Angle
Min.
Typ.
2
θθθθ 1/2
WP1060ID
HIGH EFFICIENCY RED (GaAsP/GaP)
RED DIFFUSED
8
15
70
°
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
High Efficiency Red
627
nm
IF=20mA
λD
Dominant Wavelength
High Efficiency Red
625
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
High Efficiency Red
45
nm
IF=20mA
C
Capacitance
High Efficiency Red
15
pF
VF=0V;f=1MHz
VF
Forward Voltage
High Efficiency Red
2.0
2.5
V
IF=20mA
IR
Reverse Current
High Efficiency Red
10
uA
VR = 5V
Parameter
High Efficiency Red
Units
Power dissipation
105
mW
DC Forward Current
30
mA
Peak Forward Current [1]
160
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds


Similar Part No. - WP1060ID

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1060ED KINGBRIGHT-WP1060ED Datasheet
72Kb / 3P
   1.8mm SOLID STATE LAMP
WP1060GD KINGBRIGHT-WP1060GD Datasheet
71Kb / 3P
   1.8mm SOLID STATE LAMP
WP1060SRD KINGBRIGHT-WP1060SRD Datasheet
76Kb / 3P
   1.8mm SOLID STATE LAMP
WP1060SRD KINGBRIGHT-WP1060SRD Datasheet
76Kb / 3P
   Dimensions
WP1060YD KINGBRIGHT-WP1060YD Datasheet
75Kb / 3P
   1.8mm SOLID STATE LAMP
More results

Similar Description - WP1060ID

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP4060ED KINGBRIGHT-WP4060ED_15 Datasheet
321Kb / 6P
   1.8mm SOLID STATE LAMP
WP2060YD KINGBRIGHT-WP2060YD Datasheet
395Kb / 6P
   1.8mm SOLID STATE LAMP
WP1060GD KINGBRIGHT-WP1060GD Datasheet
71Kb / 3P
   1.8mm SOLID STATE LAMP
WP1060YD KINGBRIGHT-WP1060YD Datasheet
75Kb / 3P
   1.8mm SOLID STATE LAMP
L-2060ED KINGBRIGHT-L-2060ED Datasheet
72Kb / 3P
   1.8mm SOLID STATE LAMP
logo
SunLED Corporation
LUG61D SUNLED-LUG61D Datasheet
179Kb / 4P
   1.8mm SOLID STATE LAMP
LUY61D SUNLED-LUY61D Datasheet
180Kb / 4P
   1.8mm SOLID STATE LAMP
logo
Kingbright Corporation
WP2060ID KINGBRIGHT-WP2060ID Datasheet
412Kb / 6P
   1.8mm SOLID STATE LAMP
WP4060YD KINGBRIGHT-WP4060YD_15 Datasheet
321Kb / 6P
   1.8mm SOLID STATE LAMP
WP1060ED KINGBRIGHT-WP1060ED Datasheet
72Kb / 3P
   1.8mm SOLID STATE LAMP
WP1060SRD KINGBRIGHT-WP1060SRD Datasheet
76Kb / 3P
   1.8mm SOLID STATE LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com