Electronic Components Datasheet Search |
|
NX8567SAS299-BC Datasheet(PDF) 4 Page - California Eastern Labs |
|
NX8567SAS299-BC Datasheet(HTML) 4 Page - California Eastern Labs |
4 / 5 page ORDERING INFORMATION NX8567SA SERIES Wavelength Code ITU-T Wavelength *1 (nm) Frequency (THz) Wavelength Code ITU-T Wavelength *1 (nm) Frequency (THz) 287 1528.773 196.10 457 1545.720 193.95 291 1529.163 196.05 461 1546.119 193.90 295 1529.553 196.00 465 1546.518 193.85 299 1529.553 195.95 469 1546.917 193.80 303 1530.334 195.90 473 1547.316 193.70 307 1530.725 195.85 477 1547.715 193.70 311 1531.116 195.80 485 1548.515 193.60 315 1531.507 195.75 489 1548.915 193.55 318 1531.898 195.70 493 1549.315 193.50 322 1532.290 195.65 497 1549.715 193.45 326 1532.681 195.60 501 1550.116 193.40 330 1533.073 195.55 505 1550.517 193.35 334 1533.465 195.50 509 1550.918 193.30 338 1533.073 195.45 513 1551.319 193.25 342 1534.250 195.40 517 1551.721 193.20 346 1534.643 195.35 521 1552.122 193.15 350 1535.036 195.30 525 1552.524 193.10 354 1535.429 195.25 529 1552.926 193.05 358 1535.822 195.20 533 1553.329 193.00 362 1536.216 195.15 537 1553.731 192.95 366 1536.643 195.10 541 1554.134 192.90 370 1537.003 195.05 545 1554.537 192.85 373 1537.397 195.00 549 1554.940 192.80 377 1537.792 194.95 553 1555.343 192.75 381 1538.186 194.90 557 1555.747 192.70 385 1538.581 194.85 561 1556.151 192.65 389 1538.976 194.80 565 1556.555 192.60 393 1539.371 194.75 569 1556.959 192.55 397 1539.766 194.70 573 1557.363 192.50 401 1540.162 194.65 577 1557.768 192.45 405 1540.557 194.60 581 1558.173 192.40 409 1540.953 194.55 585 1558.578 192.30 413 1541.349 194.50 589 1558.983 192.30 417 1541.746 194.45 593 1559.389 192.25 421 1542.142 194.40 597 1559.794 192.20 425 1542.539 194.35 602 1560.200 192.15 429 1542.936 194.30 606 1560.606 192.10 433 1543.333 194.25 610 1561.013 192.05 437 1543.730 194.20 614 1561.419 192.00 441 1544.128 194.15 618 1561.826 191.95 445 1544.526 194.10 622 1562.233 191.90 449 1544.924 194.05 626 1562.640 191.85 453 1545.322 194.00 630 1563.047 191.80 TABLE A: DWDM wavelengths based on ITU-T recommendations (@ TLD = Tset) Note: 1. λ monitor slope: Channel frequency for 191.80 THz + 2n × 0.05 THz is assigned on negative slope. Channel frequency for 191.80 THz + (2n + 1) × 0.05 THz is assigned on positive slope. n is a positive integer including zero. NX8567SA - CC : SC-UPC connector (standard) BC : FC-UPC connector (option) Wavelength code : Refer to Table A Without : 600 km (10800 ps/nm) M : 360 km (6480 ps/nm) S : 240 km (4320 ps/nm) |
Similar Part No. - NX8567SAS299-BC |
|
Similar Description - NX8567SAS299-BC |