Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN005-25D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN005-25D
Description  N-channel logic level TrenchMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN005-25D Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN005-25D Datasheet HTML 1Page - NXP Semiconductors PSMN005-25D Datasheet HTML 2Page - NXP Semiconductors PSMN005-25D Datasheet HTML 3Page - NXP Semiconductors PSMN005-25D Datasheet HTML 4Page - NXP Semiconductors PSMN005-25D Datasheet HTML 5Page - NXP Semiconductors PSMN005-25D Datasheet HTML 6Page - NXP Semiconductors PSMN005-25D Datasheet HTML 7Page - NXP Semiconductors PSMN005-25D Datasheet HTML 8Page - NXP Semiconductors PSMN005-25D Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors
Product specification
N-channel logic level TrenchMOS
™ transistor
PSMN005-25D
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
V
DSS = 25 V
• Very low on-state resistance
• Fast switching
I
D = 75 A
• Logic level compatible
R
DS(ON) ≤ 5.8 mΩ (VGS = 10 V)
R
DS(ON) ≤ 7.5 mΩ (VGS = 5 V)
GENERAL DESCRIPTION
PINNING
SOT428 (DPAK)
SiliconMAX products use the latest
PIN
DESCRIPTION
Philips
Trench
technology
to
achieve
the
lowest
possible
1
gate
on-state
resistance
in
each
package at each voltage rating.
2
drain
1
Applications:-
3
source
• d.c. to d.c. converters
• switched mode power supplies
tab
drain
The PSMN005-25D is supplied in
the
SOT428
(Dpak)
surface
mounting package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 175˚C
-
25
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 175˚C; RGS = 20 kΩ
-25
V
V
GS
Continuous gate-source
-
± 15
V
voltage
V
GSM
Peak pulsed gate-source
T
j ≤ 150 ˚C
-
± 20
V
voltage
I
D
Continuous drain current
T
mb =
25 ˚C; V
GS = 5 V
-
75
2
A
T
mb = 100 ˚C; VGS = 5 V
-
70
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
240
A
P
D
Total power dissipation
T
mb = 25 ˚C
-
125
W
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature
d
g
s
1
2
3
tab
1 It is not possible to make connection to pin 2 of the SOT428 package.
2 Continuous current rating limited by package.
October 1999
1
Rev 1.100


Similar Part No. - PSMN005-25D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
99Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
More results

Similar Description - PSMN005-25D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN1015 PHILIPS-PHN1015 Datasheet
95Kb / 7P
   N-channel TrenchMOS transistor Logic level
December 1999 Rev 1.300
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
101Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
70Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
99Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
113Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
111Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com