Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLM103M16V25X50F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRLM103M16V25X50F
Description  Large Can Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLM103M16V25X50F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRLM103M16V25X50F Datasheet HTML 1Page - NIC-Components Corp. NRLM103M16V25X50F Datasheet HTML 2Page - NIC-Components Corp. NRLM103M16V25X50F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
146
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
NRLM Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
* Special Size.
W.V.
Cap
(
µF)
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
160
330
22x25
0.553
0.276
1.45
2.03
470
22x30
0.423
0.212
2.50
2.95
25x25
680
25x35
0.293
0.146
2.50
3.50
30x25
820
25x35
0.263
0.131
2.75
3.85
30x30
1,000
25x45
0.232
0.128
3.00
4.20
30x35
35x30
1,500
30x45
0.166
0.910
3.73
5.22
35x45
2,200
35x45
0.113
0.073
4.78
6.69
200
220
22x25
0.904
0.407
0.87
1.22
25x25
330
20x35
0.553
0.249
1.56
2.18
22x30
25x25
470
22x35
0.388
0.175
1.85
2.59
25x30
30x25
680
22x45
0.268
0.121
2.68
3.75
25x35
30x30
820
25x45
0.243
0.109
2.93
4.10
30x35
35x25
1,000
25x50
0.199
0.090
3.25
4.55
30x40
35x30
1,500
30x50
0.144
0.072
3.87
5.42
35x40
2,200
35x50
0.098
0.054
4.92
6.89
250
220
22x30
0.904
0.360
1.17
1.64
25x25
330
22x35
0.653
0.261
1.75
2.45
25x30
30x25
470
22x45
0.388
0.155
2.11
2.95
25x40
30x30
680
25x50
0.268
0.107
2.50
3.50
30x40
35x30
820
30x45
0.222
0.089
2.77
3.88
35x45
1,000
30x50
0.199
0.090
3.32
4.65
35x40
1,500
30x50
0.168
0.083
3.87
4.94
35x40
1,500
35x50
0.133
0.066
4.04
5.66
W.V.
Cap
(
µF)
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
350
100
20x35
1.658
0.580
0.91
1.27
22x30
150
22x35
1.105
0.387
1.12
1.57
25x30
30x25
220
22x45
0.754
0.264
1.44
2.02
25x40
30x30
35x25
330
25x50
0.502
0.176
1.88
2.63
30x40
35x30
470
30x50
0.388
0.136
2.40
3.36
35x40
560
35x45
0.355
0.142
2.60
3.64
680
35x50
0.293
0.117
2.96
4.14
400
68
20x30
2.438
0.853
0.76
1.06
22x25
82
20x30
2.022
0.708
0.83
1.16
22x25
100
20x35
1.658
0.580
0.92
1.29
22x30
25x25
150
25x30
1.105
0.387
1.16
1.62
30x25
220
25x40
0.754
0.264
1.49
2.09
30x30
330
30x40
0.553
0.193
1.90
2.66
35x45
470
35x45
0.388
0.136
2.39
3.35
450
56
20x30
2.960
1.184
0.70
0.98
22x25
68
22x25*
2.438
0.975
0.76
1.06
22x30
82
20x35
2.022
0.809
0.83
1.16
22x30
25x25
100
22x35
1.658
0.663
0.93
1.30
25x30
30x25
220
25x50
0.754
0.301
1.55
2.17
30x40
35x30
330
30x50
0.533
0.249
2.01
2.81
35x40
470
35x50
0.423
0.233
2.53
3.54


Similar Part No. - NRLM103M16V25X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLM103M16V25X25F NIC-NRLM103M16V25X25F Datasheet
103Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLM103M16V25X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com