Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN005-55B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN005-55B
Description  N-channel logic level TrenchMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN005-55B Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN005-55B Datasheet HTML 1Page - NXP Semiconductors PSMN005-55B Datasheet HTML 2Page - NXP Semiconductors PSMN005-55B Datasheet HTML 3Page - NXP Semiconductors PSMN005-55B Datasheet HTML 4Page - NXP Semiconductors PSMN005-55B Datasheet HTML 5Page - NXP Semiconductors PSMN005-55B Datasheet HTML 6Page - NXP Semiconductors PSMN005-55B Datasheet HTML 7Page - NXP Semiconductors PSMN005-55B Datasheet HTML 8Page - NXP Semiconductors PSMN005-55B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Product specification
N-channel logic level TrenchMOS
™ transistor
PSMN005-55B, PSMN005-55P
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); conditions: VGS ≥ 5 V
Fig.3. Safe operating area. T
mb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS)
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID)
Normalised Power Derating, PD (%)
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
175
Mounting Base temperature, Tmb (C)
0.001
0.01
0.1
1
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
Pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
single pulse
D = 0.5
0.2
0.1
0.05
0.02
tp
D = tp/T
D
P
T
Normalised Current Derating, ID (%)
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
175
Mounting Base temperature, Tmb (C)
02468
10
0
100
200
300
400
ID/A
VDS/D
VGS\V =
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
6.0
7.0
10.0
1
10
100
1000
1
10
100
Drain-Source Voltage, VDS (V)
Peak Pulsed Drain Current, IDM (A)
D.C.
100 ms
10 ms
RDS(on) = VDS/ ID
1 ms
tp = 10 us
100 us
0
20406080
100
5
5.5
6
6.5
7
7.5
8
8.5
RDS(ON)/mOhm
VGS/V =
ID/A
3.0
3.2
3.4
3.6
4.0
5.0
October 1999
4
Rev 1.200


Similar Part No. - PSMN005-55B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
113Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
More results

Similar Description - PSMN005-55B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN1015 PHILIPS-PHN1015 Datasheet
95Kb / 7P
   N-channel TrenchMOS transistor Logic level
December 1999 Rev 1.300
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
101Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
142Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
99Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
113Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
111Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com