Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-FL222M200V16X25F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-FL222M200V16X25F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-FL222M200V16X25F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-FL222M200V16X25F Datasheet HTML 1Page - NIC-Components Corp. NRE-FL222M200V16X25F Datasheet HTML 2Page - NIC-Components Corp. NRE-FL222M200V16X25F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
134
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Cap.
(
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
160
200
250
0.47
-----
5.5
-
6.0
---
1.0
-
----
4.0
-
4.5
-
--
2.2
-
----
2.5
-
3.0
-
--
3.3
-
----
2.2
-
2.7
-
--
4.7
-
----
1.9
-
2.5
-
--
10
-----
1.5
2.3
1.2
---
22
-
-
-
-
-
0.90
1.3
0.63
1.0
1.0
1.4
33
-
-
-
0.90
0.90
0.40
1.2
0.43
0.70
0.55
0.70
47
-
-
0.90
0.90
0.40
0.40
0.63
0.31
0.45
0.44
0.31
68
-
-
-
-
-
-
-
-
0.45
0.24
0.22
100
0.90
0.90
0.40
0.40
0.25
0.25
0.43
0.16
0.24
0.17
0.18
150
-
-
-
-
-
-
-
-
0.17
0.16
-
220
0.40
0.40
0.25
0.25
0.16
0.12
0.21
0.073
0.14
0.14
-
330
0.40
0.25
0.25
0.16
0.12
0.078
0.16
0.073
-
-
-
470
0.25
0.25
0.16
0.12
0.078 0.062
0.12
-
-
-
-
1000
0.16
0.12
0.078 0.062 0.048 0.034 0.054
-
-
-
-
2200
0.062 0.062 0.048 0.034 0.029 0.025
-
-
-
-
-
3300
0.062 0.048 0.034 0.029 0.025
-
-
-
-
-
-
4700
0.034 0.034 0.029 0.025
-
-
-
-
-
-
-
6800
0.034 0.029 0.025
-
-
-
-
-
-
-
-
10000
0.029 0.025
-
-
-
-
-
-
-
-
-
15000
0.025
-
-
-
-
-
-
-
-
-
-
MAXIMUM IMPEDENCE (
Ω AT 100KHz AND 20°C)
Cap.
(
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
160
200
250
0.47
-
-
-
-
-
17
-
15
-
-
-
1.0
-
-
-
-
-
30
-
20
---
2.2
-
-
-
-
-
43
-
30
---
3.3
-
-
-
-
-
53
-
40
---
4.7
-
-
-
-
-
88
-
65
---
10
-
-
-
-
-
100
87
140
-
-
-
22
-
-
-
-
-
150
140
160
350
350
300
33
-
-
-
150
150
250
140
230
450
550
450
47
-
-
150
150
250
250
210
290
600
600
850
68
-
-
-
-
-
-
-
600
950
1050
100
150
150
250
250
400
400
300
430
950
1200 1200
150
-
-
-
-
-
-
-
-
1200 1280
-
220
250
250
400
400
580
770
520
900
1400 1400
-
330
250
400
400
580
770
1050
660
900
-
-
-
470
400
400
580
770
1050 1300
750
-
-
-
-
1000
580
770
1050 1300 1650 1850 1390
-
-
-
-
2200
1300 1300 1650 1850 2000 2200
-
-
-
-
-
3300
1300 1650 1850 2000 2200
-
-
-
-
-
-
4700
1850 1850 2000 2200
-
-
-
-
-
-
-
6800
1850 2000 2200
-
-
-
-
-
-
-
-
10000
2000 2200
-
-
-
-
-
-
-
-
-
15000
2200
-
-
-
-
-
-
-
-
-
-
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA AT 100KHz AND 105°C)
Frequency (Hz)
120
1K
10K
<100K
0.47 ~ 10
µF
0.42
0.60
0.80
1.00
22 ~ 33
µF
0.55
0.75
0.90
1.00
47 ~ 330
µF
0.70
0.85
0.95
1.00
470 ~ 1000
µF
0.75
0.90
0.98
1.00
2200 ~ 15000
µF 0.80 0.95 1.00
1.00
All 160 ~ 250V Parts
Frequency (Hz)
60(50)
120
1K
10K
<100K
Coefficient
0.40
0.50
0.75
0.90
1.00
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
Miniature Aluminum Electrolytic Capacitors
NRE-FL Series


Similar Part No. - NRE-FL222M200V16X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-FL222M25V16x25F NIC-NRE-FL222M25V16x25F Datasheet
102Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
NRE-FL222M25V16x25F NIC-NRE-FL222M25V16x25F Datasheet
102Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-FL222M200V16X25F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com