Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA833TF Datasheet(PDF) 8 Page - NEC

Part # UPA833TF
Description  NPN SILICON EPITAXIAL TWIN TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA833TF Datasheet(HTML) 8 Page - NEC

Back Button UPA833TF Datasheet HTML 3Page - NEC UPA833TF Datasheet HTML 4Page - NEC UPA833TF Datasheet HTML 5Page - NEC UPA833TF Datasheet HTML 6Page - NEC UPA833TF Datasheet HTML 7Page - NEC UPA833TF Datasheet HTML 8Page - NEC UPA833TF Datasheet HTML 9Page - NEC UPA833TF Datasheet HTML 10Page - NEC UPA833TF Datasheet HTML 11Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
UPA833TF
TYPICAL SCATTERING PARAMETERS
Q1
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
VCE = 3 V, IC = 10 mA, Z0 = 50
0.10
0.71
-39.03
18.58
147.71
0.03
68.69
0.83
-30.16
0.20
0.57
-73.63
15.31
127.39
0.05
59.38
0.63
-48.07
0.30
0.45
-102.58
12.43
112.73
0.06
56.68
0.49
-57.41
0.40
0.39
-124.33
10.08
102.91
0.07
56.27
0.40
-63.51
0.50
0.36
-141.02
8.36
95.89
0.08
56.57
0.34
-67.57
0.60
0.35
-154.37
7.10
90.47
0.09
56.86
0.29
-71.19
0.70
0.34
-165.44
6.16
85.73
0.10
57.18
0.26
-74.31
0.80
0.34
-175.03
5.44
81.61
0.11
57.18
0.24
-77.41
0.90
0.34
176.63
4.87
77.75
0.12
57.09
0.22
-80.56
1.00
0.35
169.25
4.40
74.22
0.13
56.69
0.21
-83.81
1.20
0.37
156.83
3.70
67.77
0.15
55.55
0.19
-91.34
1.50
0.40
142.12
2.98
59.04
0.17
53.03
0.17
-104.99
1.70
0.42
134.21
2.63
53.75
0.19
51.04
0.16
-115.48
2.00
0.46
124.22
2.25
46.04
0.22
47.77
0.16
-131.74
2.50
0.52
111.30
1.81
37.71
0.26
41.70
0.19
-157.66
3.00
0.58
101.61
1.51
24.93
0.30
36.10
0.23
-177.86
Q2
0.10
0.79
-18.18
17.81
156.05
0.02
79.00
0.92
-14.07
0.20
0.67
-33.75
15.65
139.27
0.03
72.98
0.80
-22.91
0.30
0.55
-46.32
13.67
125.80
0.04
69.74
0.69
-27.06
0.40
0.44
-55.16
11.71
115.64
0.05
69.07
0.61
-28.96
0.50
0.37
-61.11
10.03
108.02
0.06
68.93
0.56
-29.47
0.60
0.31
-65.90
8.70
102.30
0.07
68.67
0.52
-29.62
0.70
0.26
-69.64
7.66
97.45
0.07
68.49
0.49
-29.55
0.80
0.23
-73.22
6.84
93.31
0.08
68.26
0.46
-29.57
0.90
0.20
-76.64
6.18
89.63
0.09
68.18
0.44
-29.61
1.00
0.18
-80.09
5.63
86.38
0.10
67.74
0.43
-29.60
1.20
0.14
-88.42
4.80
80.51
0.12
66.68
0.40
-29.99
1.50
0.10
-107.91
3.94
72.79
0.15
64.56
0.36
-31.58
1.70
0.08
-126.27
3.53
68.12
0.16
62.66
0.33
-33.11
2.00
0.09
-158.61
3.08
61.31
0.19
59.98
0.29
-35.72
2.50
0.13
164.55
2.57
50.55
0.24
54.48
0.22
-42.08
3.00
0.20
146.66
2.21
40.11
0.28
48.32
0.14
-51.14
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
VCE = 3 V, IC = 10 mA, Z0 = 50


Similar Part No. - UPA833TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA833TF NEC-UPA833TF Datasheet
74Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
logo
Renesas Technology Corp
UPA833TF RENESAS-UPA833TF Datasheet
220Kb / 18P
   Silicon Transistor
1997
logo
NEC
UPA833TF-T1 NEC-UPA833TF-T1 Datasheet
74Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
More results

Similar Description - UPA833TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1127E RENESAS-HTT1127E Datasheet
284Kb / 9P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TF NEC-UPA836TF Datasheet
79Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1213E RENESAS-HTT1213E Datasheet
144Kb / 4P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA821TF NEC-UPA821TF Datasheet
40Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA835TF NEC-UPA835TF Datasheet
72Kb / 10P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA839TF NEC-UPA839TF Datasheet
17Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com