Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR31700 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PR31700
Description  32-bit RISC microprocessor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31700 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PR31700 Datasheet HTML 2Page - NXP Semiconductors PR31700 Datasheet HTML 3Page - NXP Semiconductors PR31700 Datasheet HTML 4Page - NXP Semiconductors PR31700 Datasheet HTML 5Page - NXP Semiconductors PR31700 Datasheet HTML 6Page - NXP Semiconductors PR31700 Datasheet HTML 7Page - NXP Semiconductors PR31700 Datasheet HTML 8Page - NXP Semiconductors PR31700 Datasheet HTML 9Page - NXP Semiconductors PR31700 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Philips Semiconductors
Preliminary specification
PR31700
32-bit RISC microprocessor
1998 May 13
6
PIN ASSIGNMENTS
NO.
I/O
SIGNAL NAME
NO.
I/O
SIGNAL NAME
NO.
I/O
SIGNAL NAME
1
VDD
41
I
SIBDIN
81
VSS
2
I/O
D[0]
42
O
SIBDOUT
82
O
PWRCS
3
VSS
43
VDD
83
I
PWRlNT
4
I/O
D[1]
44
I
SIBIRQ
84
I
PWROK
5
I/O
D[2]
45
I/O
MIOX[0]
85
NC
6
VDD
46
I/O
IO[6]
86
I
ONBUTN
7
I/O
D[3]
47
I/O
IO[5]
87
I
PON1
8
VSS
48
VSS
88
I
CPURES*
9
I/O
D[4]
49
I/O
CHICLK
89
VDD
10
VDD
50
I/O
CHIFS
90
O
DISPON
11
I/O
D[5]
51
I
CHIDIN
91
O
FRAME
12
I/O
D[6]
52
O
CHIDOUT
92
VSS
13
VSS
53
VDD
93
O
DF
14
I/O
D[7]
54
I
RXD
94
O
LOAD
15
VSS
55
O
TXD
95
O
CP
16
I/O
D[8]
56
I/O
IO[4]
96
VSS
17
VDD
57
NC
97
VDD
18
I/O
D[9]
58
I
IRIN
98
O
VDAT[0]
19
I/O
D[10]
59
O
IROUT
99
O
VDAT[1]
20
VSS
60
VSS
100
O
VDAT[2]
21
I/O
D[11]
61
VDD
101
O
VDAT[3]
22
VDD
62
I
CARDET
102
VSS
23
I/O
D[12]
63
O
RXPWR
103
I/O
IO[1]
24
I/O
D[13]
64
I/O
IO[3]
104
VDD
25
VSS
65
I/O
IO[2]
105
I
CARD2WAIT8
26
I/O
D[14]
66
VSS
106
O
CARD2CSH*
27
I/O
D[15]
67
O
SPICLK
107
O
CARD2CSL*
28
VDD
68
I
SPIIN
108
I/O
IO[0]
29
I
ENDIAN
69
O
SPIOUT
109
VSS (PLL)
30
I/O
MIOX[1]
70
VDD
110
O
CARDIORD*
31
I
RSRV1
71
I
TESTCPU
111
O
CARDIOWR*
32
I/O
NC
72
I
TESTIN
112
O
CARDREG*
33
VSS
73
O
VIDDONE
113
I
CARD1WAIT*
34
I/O
NC
74
I
TESTAIU
114
VDD (PLL)
35
VDD
75
VSS
115
O
CARDDIR*
36
VDD
76
I
VCC3
116
VDD
37
O
SIBMCLK
77
O
BC32K
117
O
CARD1CSL*
38
VSS
78
VDD
118
O
CARD1CSH*
39
O
SIBSCLK
79
I
C32KlN
119
VSS
40
O
SIBSYNC
80
O
C32KOUT
120
O
MCS31


Similar Part No. - PR31700

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PR31100 PHILIPS-PR31100 Datasheet
282Kb / 26P
   Highly integrated embedded processor
1996 Aug 07
PR31100ABC PHILIPS-PR31100ABC Datasheet
282Kb / 26P
   Highly integrated embedded processor
1996 Aug 07
PR31500 PHILIPS-PR31500 Datasheet
277Kb / 24P
   Poseidon embedded processor
1996 Sep 24
PR31500ABC PHILIPS-PR31500ABC Datasheet
277Kb / 24P
   Poseidon embedded processor
1996 Sep 24
logo
Sharp Corporation
PR31HD22NSZ SHARP-PR31HD22NSZ Datasheet
250Kb / 13P
   IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
More results

Similar Description - PR31700

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com