Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC705F32CFU Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC68HC705F32CFU
Description  a member of the M68HC05 family of HCMOS
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705F32CFU Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC68HC705F32CFU Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC705F32CFU Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC705F32CFU Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC705F32CFU Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC705F32CFU Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC705F32CFU Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC705F32CFU Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC705F32CFU Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC705F32CFU Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 198 page
background image
MOTOROLA
ii
MC68HC05F32
TABLE OF CONTENTS
Paragraph
Number
Page
Number
TITLE
2.4.16.2
External clock................................................................................................2–8
2.5
Alternative pin descriptions for the 80-pin QFP package .......................................2–10
2.5.1
PC5, PC4, PC0/TACP3.....................................................................................2–10
2.5.2
PD7–PD0..........................................................................................................2–10
3
MEMORY AND REGISTERS
3.1
Registers ..................................................................................................................3–1
3.2
RAM .........................................................................................................................3–5
3.3
ROM .........................................................................................................................3–5
3.4
Bootloader ROM.......................................................................................................3–6
3.5
EEPROM ..................................................................................................................3–6
3.5.1
EEPROM programming register .........................................................................3–6
3.5.2
Programming and erasing procedures................................................................3–8
3.5.3
Sample EEPROM programming sequence ........................................................3–8
4
PARALLEL INPUT/OUTPUT PORTS
4.1
Input/output programming ........................................................................................4–1
4.2
Port A........................................................................................................................4–2
4.2.1
Keyboard interrupt ..............................................................................................4–2
4.2.1.1
Key control register (KCR) ............................................................................4–3
4.3
Port B........................................................................................................................4–4
4.4
Port C .......................................................................................................................4–5
4.5
Port D .......................................................................................................................4–5
4.6
Port E........................................................................................................................4–6
4.7
Ports F, G, H, I and J ................................................................................................4–6
4.8
Port registers ............................................................................................................4–7
4.8.1
Port data registers (Ports A, B, C, D, E, F, G, H, I and J) ....................................4–7
4.8.2
Data direction registers (DDRA, DDRB, DDRC, DDRD and DDRE) ..................4–7
4.8.3
Port control registers...........................................................................................4–8
5
CORE TIMER
5.1
Real time interrupts (RTI) .........................................................................................5–2
5.2
Core timer registers ..................................................................................................5–3
5.2.1
Core timer control and status register (CTCSR) .................................................5–3
5.2.2
Core timer counter register (CTCR)....................................................................5–4
5.3
Computer operating properly (COP) watchdog timer ...............................................5–5
5.4
Core timer during WAIT ............................................................................................5–5
5.5
Core timer during STOP ...........................................................................................5–5
TPG
11
05F32Book Page ii Tuesday, June 8, 1999 7:55 am
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC705F32CFU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705F6 MOTOROLA-MC68HC705F6 Datasheet
82Kb / 3P
   MCU with DTMF/melody generator
MC68HC705F8 MOTOROLA-MC68HC705F8 Datasheet
1Mb / 126P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
More results

Similar Description - MC68HC705F32CFU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
   The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05T16 NXP-MC68HC05T16 Datasheet
1Mb / 128P
   The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
68HC805P18 NXP-68HC805P18 Datasheet
1Mb / 111P
   The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
Rev. 1.0
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
   PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
logo
NXP Semiconductors
68HC05J5A NXP-68HC05J5A Datasheet
2Mb / 106P
   The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
68HC05JB3 NXP-68HC05JB3 Datasheet
1Mb / 134P
   The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
REV 1 November 5, 1998
68HC05JB4 NXP-68HC05JB4 Datasheet
2Mb / 134P
   The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
MC68HC05BS8 NXP-MC68HC05BS8 Datasheet
1Mb / 128P
   The MC68HC05BS8 HCMOS microcontroller is a member of the MC68HC05 Family of low-cost single-chip microcontrollers.
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
   Introducing the Newest Member of the Zenigata Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com