Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSG151M100V10X12.5TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSG151M100V10X12.5TRF
Description  Miniature Aluminum Electrolytic Ca pac i tors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSG151M100V10X12.5TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSG151M100V10X12.5TRF Datasheet HTML 1Page - NIC-Components Corp. NRSG151M100V10X12.5TRF Datasheet HTML 2Page - NIC-Components Corp. NRSG151M100V10X12.5TRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
138
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
139
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
NRSG Series
Miniature Aluminum Electrolytic Capacitors
ULTRA LOW IMPEDANCE, RADIAL LEADS, POLARIZED, ALUMINUM ELECTROLYTIC
• VERY LOW IMPEDANCE
• LONG LIFE AT 105°C (2000 ~ 4000 hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
• IDEALLY FOR SWITCHING POWER SUPPLIES & CONVERTORS
FEATURES
CHARACTERISTICS
Rated Voltage Range
6.3 ~ 100Vdc
Capacitance Range
6.8 ~ 6,800µF
Operating Temperature Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
After 2 Minutes at 20°C
0.01CV or 3µA
whichever is greater
Max. Tan δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
13
20
32
44
63
79
125
C < 1,000µF
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
C = 1,200µF
0.22
0.19
0.16
0.14
0.12
-
-
-
C = 1,500µF
0.22
0.19
0.16
0.14
-
-
-
-
C = 1,800µF
0.22
0.19
0.16
0.14
0.12
-
-
-
C = 2,200µF
0.24
0.21
0.18
-
-
-
-
-
C = 2,700µF
0.24
0.21
0.18
0.16
-
-
-
-
C = 3,300µF
0.26
0.23
-
-
-
-
-
-
C = 3,900µF
0.26
0.23
0.20
-
-
-
-
-
C = 4,700µF
0.28
-
-
-
-
-
-
-
C = 5,600µF
0.30
0.27
-
-
-
-
-
-
C = 6,800µF
0.32
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
2
Z-40°C/Z+20°C
3
Load Life Test at Rated W.V. & 105°C
2,000 Hrs. 5 ~ 6.3mm Dia.
3,000 Hrs 8mm Dia.
4,000 Hrs 10 ~ 12.5mm Dia.
5,000 Hrs 16 ~ 18mm Dia.
Capacitance Change
Within ±25% of initial measured value
Tan δ
Less than 200% of specified value
Leakage Current
Less than specified value
NRSG 102 M 25V 10X20 TB F
TB = Tape & Box*
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in µF
Series
Case Size (mm)
RoHS Compliant
PART NUMBER SYSTEM
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
*see tape specification for details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NRSG151M100V10X12.5TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSG151M35V8x125F NIC-NRSG151M35V8x125F Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG151M50V10x125F NIC-NRSG151M50V10x125F Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG151M63V5x11F NIC-NRSG151M63V5x11F Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG151M63V63X7F NIC-NRSG151M63V63X7F Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
More results

Similar Description - NRSG151M100V10X12.5TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSX NIC-NRSX Datasheet
349Kb / 6P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK_14 Datasheet
627Kb / 5P
   Miniature Aluminum Electrolytic Cap ac i tors
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com