Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS1910.5W4K7501CK Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # WS1910.5W4K7501CK
Description  Carbon Composition Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

WS1910.5W4K7501CK Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  WS1910.5W4K7501CK Datasheet HTML 1Page - Sharma Electro Components,Inc WS1910.5W4K7501CK Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
How to Order
Feature
Hot-Molded / Industrial / Sealed / Switch
Locking-Bushing / Standard-Bushing
Meet MIL-R-94
Electrical Characteristics
Withstand Voltage…………………………
750Vdc
Switch insulation Voltage…………………
500V
Switch capacity……………………………
250V 1A
Operating Noise…………………………… ≤68mV
Environmental Characteristics
Load Life at 70℃…………………...,1W
240 hours,
……………………
R/R
≤±10%
Rotational Life………………………….. 10000cycles
Mechanical Characteristics
Total mechanical travel ……….……………
270°
Note: Above characteristics is exclusive for WS19-K1/K2, other characteristics is the same as WS19 series.
WS19— 1 —1W—4K7— 16— 3 — A—
K
① Model-----WS19 Carbon composition Potentiometer
② Bushing Style
1
2
3
4
1A
1F
K1/K2
Standard
bushing
Lock
Bushing
Standard
bushing
&
d
ual resistive
elements.
Lock bushing
&
d
ual
resist
ive
Standard
bushing
with 6mm
diameter
(Others: 8mm)
Standard
bushing
&
waterproofing
Switch
style
(difference
dimension
for K1 & K2)
Power Rating
1W-----line
ar taper; 0.5W-----log taper & anti-log taper
Power rating of resistor body far away from bushing will be cut half for WS19-3/4.
Standard Resistance
----- standard resistance table is available in WS series datasheet
Length of Operating shaft (from mounting surface)
16/20/25/40/50/60mm are available.
Custom lengths upon request.
Shaft Style:
3-----Slotted shaft;
5-----Flatted shaft
; 1------Knurled
Taper
A-----Line
ar Taper;
B-----Log Taper;
C-----Anti-Log Taper;
Resistance Tolerance
K= 10%; M= 20%
WS19-K1
WS19-K2
WS19 - K1/K2
Carbon Composition Potentiometer
Sharma Potentiometers
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
elements.


Similar Part No. - WS1910.5W4K7501CK

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
   Absolute Encoder Output
WS19KT-15000-HCAN-L01-M4 ASM-SENSOR-WS19KT-15000-HCAN-L01-M4 Datasheet
760Kb / 12P
   Absolute Encoder Output
WS19KT-15000-HDEV-L01-M4 ASM-SENSOR-WS19KT-15000-HDEV-L01-M4 Datasheet
760Kb / 12P
   Absolute Encoder Output
WS19KT-15000-HINT-L01-M4 ASM-SENSOR-WS19KT-15000-HINT-L01-M4 Datasheet
760Kb / 12P
   Absolute Encoder Output
More results

Similar Description - WS1910.5W4K7501CK

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com