Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC56F8167VPYE Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC56F8167VPYE
Description  16-bit Digital Signal Controllers
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8167VPYE Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC56F8167VPYE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8167VPYE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8167VPYE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC56F8167VPYE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC56F8167VPYE Datasheet HTML 11Page - Freescale Semiconductor, Inc MC56F8167VPYE Datasheet HTML 12Page - Freescale Semiconductor, Inc MC56F8167VPYE Datasheet HTML 13Page - Freescale Semiconductor, Inc MC56F8167VPYE Datasheet HTML 14Page - Freescale Semiconductor, Inc MC56F8167VPYE Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 184 page
background image
Architecture Block Diagram
56F8367 Technical Data, Rev. 8
Freescale Semiconductor
11
Preliminary
Figure 1-1 System Bus Interfaces
Note:
Flash memories are encapsulated within the Flash Memory (FM) Module. Flash control is
accomplished by the I/O to the FM over the peripheral bus, while reads and writes are completed
between the core and the Flash memories.
Note:
The primary data RAM port is 32 bits wide. Other data ports are 16 bits.
56800E
Program
Flash
Data RAM
EMI
Data Flash
IPBus
Bridge
Boot
Flash
Flash
Memory
Module
CHIP
TAP
Controller
TAP
Linking
Module
JTAG / EOnCE
5
24
pdb_m[15:0]
pab[20:0]
cdbw[31:0]
xab1[23:0]
cdbr_m[31:0]
xab2[23:0]
xdb2_m[15:0]
IPBus
External JTAG
Port
To Flash
Control Logic
Address
Data
Control
16
10
NOT available on the 56F8167 device.
Program
RAM


Similar Part No. - MC56F8167VPYE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8167VPYE FREESCALE-MC56F8167VPYE Datasheet
2Mb / 184P
   16-bit Digital Signal Controllers
More results

Similar Description - MC56F8167VPYE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com