Electronic Components Datasheet Search |
|
NX8567SAS417-CC Datasheet(PDF) 5 Page - California Eastern Labs |
|
NX8567SAS417-CC Datasheet(HTML) 5 Page - California Eastern Labs |
5 / 5 page OUTLINE DIMENSIONS (Units in mm) OPTICAL FIBER CHARACTERISTICS PARAMETER UNITS SPECIFICATION Mode Field Diameter µm 9.3±0.5 Cladding Diameter µm 125±1 Tight Buffer Diameter µm 900±100 Cut-off Wavelenght nm < 1270 Attenuation 1525 to 1575 nm dB/km < 0.3 Minimum Fiber Bending Radius mm 30 Fiber Length mm 1225 MIN Flammability UL1581VW-1 07/29/2003 Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale. NX8567SA SERIES 5.4 8.0 20.83±0.13 26.04±0.13 7 8 1 14 15.24 2.54 4 – 2.67 φ 22 MAX. Nose Fiber Pin No. Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Function PIN CONNECTIONS GND GND PD (λp) Anode (–) LD/MOD GND Signal Input (MOD), 50 Ω RF Input LD/MOD GND GND Thermistor Thermistor LD DC Bias (+) PD (Pf) Anode (–) PD (λp) and PD (Pf) Cathode (+) Cooler (+) Cooler (–) 29.97±0.25 Optical Fiber (SMF) Length : 900 MIN. TOP VIEW #7 #1 #8 #14 PD (Pf) Thermistor PD (λp) + – LD MOD Cooler Function Fiber Length: 900 mm MIN. 35±2 mm -CC : SC-UPC connector -BC : FC-UPC connector |
Similar Part No. - NX8567SAS417-CC |
|
Similar Description - NX8567SAS417-CC |