Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8563LA389-CC Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8563LA389-CC
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LA389-CC Datasheet(HTML) 4 Page - California Eastern Labs

  NX8563LA389-CC Datasheet HTML 1Page - California Eastern Labs NX8563LA389-CC Datasheet HTML 2Page - California Eastern Labs NX8563LA389-CC Datasheet HTML 3Page - California Eastern Labs NX8563LA389-CC Datasheet HTML 4Page - California Eastern Labs NX8563LA389-CC Datasheet HTML 5Page - California Eastern Labs NX8563LA389-CC Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NX8563LA Series
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Forward Current of LD
IF
300
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
−20 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature
Tsld
260 (10 sec.)
°C
ELECTRO-OPTICAL CHARACTERISTICS (TLD = Tset, TC =
−20 to +85°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Laser Set Temperature
Tset
30
45
°C
Forward Voltage
VF
Pf = 10 mW
0.9
2.0
V
Threshold Current
Ith
20
40
mA
Optical Output Power from Fiber
Pf
IF = Iop, TLD = Tset
10
mW
Operation Current
Iop
125
mA
Threshold Output Power
Pth
IF = Ith
100
µW
Quantum Efficiency
η
CW
0.142
0.17
W/A
Peak Emission Wavelength
λp
Pf = 10 mW, CW, TLD = Tset
1 530
ITU-T
*1
1 562
nm
Spectral Line Width
ν
Pf = 10 mW, CW, 3 dB down
1
5
MHz
Side Mode Suppression Ratio
SMSR
Pf = 10 mW, under modulation
30
35
dB
Input Impedance
ZIN
25
Relative Intensity Noise
RIN
Pf = 10 mW, 20 MHz to 3 GHz
−140
dB/Hz
Rise and Fall Time
tr /tf
20-80%/80-20%, TC = 25
°C
120
ps
f = 50 MHz to 3 GHz
6
Input Return Loss
S11
f = 3 GHz to 6 GHz
3
dB
Band Width
BW
−3 dB, Pf = 10 mW
2.5
GHz
Dispersion Penalty
DP
TC = 25
°C*2
2.0
dB
*1 Available for DWDM wavelengths based on ITU-T recommendations
(100 GHz grid, please refer to the ORDERING INFORMATION)
*2 2.48832 Gb/s, PRBS 2
23
−1, duty cycle, Extinction Ratio ≥ 8.5 dB, BER = 10−10,
NX8563LAS: 1 800 ps/nm (100 km), NX8563LA: 4 320 ps/nm (240 km)
Data Sheet PL10428EJ02V0DS
4


Similar Part No. - NX8563LA389-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8563LA389-CC RENESAS-NX8563LA389-CC Datasheet
288Kb / 10P
   LASER DIODE
2005
More results

Similar Description - NX8563LA389-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com