Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR31100 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PR31100
Description  Highly integrated embedded processor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31100 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PR31100 Datasheet HTML 3Page - NXP Semiconductors PR31100 Datasheet HTML 4Page - NXP Semiconductors PR31100 Datasheet HTML 5Page - NXP Semiconductors PR31100 Datasheet HTML 6Page - NXP Semiconductors PR31100 Datasheet HTML 7Page - NXP Semiconductors PR31100 Datasheet HTML 8Page - NXP Semiconductors PR31100 Datasheet HTML 9Page - NXP Semiconductors PR31100 Datasheet HTML 10Page - NXP Semiconductors PR31100 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31100
Highly integrated embedded processor
1996 Aug 07
7
PIN CONFIGURATION
208
1
52
53
104
105
156
157
208-PIN
PLASTIC
QUAD FLAT PACK
TOP VIEW
Pin
Function
1
VDD
2
D(0)
3
VSS
4
D(1)
5
D(2)
6
VDD
7
D(3)
8
VSS
9
D(4)
10
VDD
11
D(5)
12
D(6)
13
VSS
14
D(7)
15
VSS
16
D(8)
17
VDD
18
D(9)
19
D(10)
20
VSS
21
D(11)
22
VDD
23
D(12)
24
D(13)
25
VSS
26
D(14)
27
D(15)
28
VDD
29
30
MFIO(1)
31
MBUSINT
32
MBUSDATA
33
VSS
34
MBUSCLK
35
VDD
36
VDD
37
SIBMCLK
38
VSS
39
SIBSCLK
40
SIBSYNC
41
SIBDIN
42
SIBDOUT
43
VDD
44
SIBIRQ
45
MFIO(0)
46
IO(6)
47
IO(50
48
VSS
49
chiclk
50
chifs
51
chidin
52
chidout
Pin
Function
53
VDD
54
RXD
55
TXD
56
IO(4)
57
58
IRIN
59
IROUT
60
VSS
61
VDD
62
CARDET
63
TXPWR
64
IO(3)
65
IO(2)
66
VSS
67
SPICLK
68
SPIIN
69
SPIOUT
70
VDD
71
TESTCPU
72
TESTIN
73
TESTOUT
74
TESTSIU
75
VSS
76
VCC3
77
BC32K
78
VDD
79
C32KIN
80
C32KOUT
81
VSS
82
PWRCS
83
PWRINT
84
PWROK
85
86
ONBUTN
87
/PON
88
/CPURES
89
VDD
90
DISPON
91
FRAME
92
VSS
93
DF
94
LOAD
95
CP
96
VSS
97
VDD
98
VDAT(0)
99
VDAT(1)
100
VDAT(2)
101
VDAT(3)
102
VSS
103
IO(1)
104
VDD
Pin
Function
105
/CARD2WAIT
106
/CARD2CSH
107
/CARD2CSL
108
IO(0)
109
VSS
110
/IORD
111
/IOWR
112
/CARDREG
113
/CARD1WAIT
114
VDD
115
MFIO(2)
116
VDD
117
/CARD1CSL
118
/CARD1CSH
119
VSS
120
/MCS3
121
/MCS2
122
/MCS1
123
/MCS0
124
/CS3
125
/CS2
126
/CS1
127
VDD
128
SYSCLKIN
129
SYSCLKOUT
130
VSS
131
VSS
132
VDD
133
D(31)
134
D(30)
135
VSS
136
D(29)
137
VDD
138
D(28)
139
D(27)
140
VSS
141
D(26)
142
VSS
143
D(250
144
VDD
145
D(24)
146
D(23)
147
VDD
148
D(22)
149
VSS
150
D(21)
151
VDD
152
D(20)
153
D(19)
154
VSS
155
D(18)
156
VDD
Pin
Function
157
D(17)
158
VSS
159
D(16)
160
VDD
161
162
/CS0
163
/RD
164
VSS
165
VDD
166
/DGRNT
167
/DREQ
168
ALE
169
/WE
170
VDD
171
A(12)
172
A(11)
173
VSS
174
A(10)
175
A(9)
176
VDD
177
A(8)
178
A(7)
179
VSS
180
A(6)
181
A(5)
182
VDD
183
A(4)
184
VSS
185
A(3)
186
A(2)
187
VDD
188
A(1)
189
A(0)
190
VSS
191
VSS
192
/DCS0
193
/RAS1
194
/RAS0
195
/CAS3
196
VDD
197
/CAS2
198
/CAS1
199
/CAS0
200
VSS
201
VDD
202
DCKE
203
VSS
204
DCLKIN
205
DCLKOUT
206
VDD
207
DQMH
208
DQML


Similar Part No. - PR31100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PR31500 PHILIPS-PR31500 Datasheet
277Kb / 24P
   Poseidon embedded processor
1996 Sep 24
PR31500ABC PHILIPS-PR31500ABC Datasheet
277Kb / 24P
   Poseidon embedded processor
1996 Sep 24
PR31700 PHILIPS-PR31700 Datasheet
378Kb / 36P
   32-bit RISC microprocessor
1998 May 13
logo
Sharp Corporation
PR31HD22NSZ SHARP-PR31HD22NSZ Datasheet
250Kb / 13P
   IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
PR31MA11NTZ SHARP-PR31MA11NTZ Datasheet
263Kb / 14P
   Non-Zero Cross type DIP 6pin SSR
More results

Similar Description - PR31100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2141L AD-ADSP-2141L_15 Datasheet
260Kb / 39P
   highly integrated embedded security processor that incorporates a sophisticated
REV. 0
logo
Advantech Co., Ltd.
EVA-X4300 ADVANTECH-EVA-X4300 Datasheet
287Kb / 2P
   Highly Integrated x86 SoC for Industrial Embedded Platforms
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com