Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8563LA318-CC Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX8563LA318-CC
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LA318-CC Datasheet(HTML) 3 Page - California Eastern Labs

  NX8563LA318-CC Datasheet HTML 1Page - California Eastern Labs NX8563LA318-CC Datasheet HTML 2Page - California Eastern Labs NX8563LA318-CC Datasheet HTML 3Page - California Eastern Labs NX8563LA318-CC Datasheet HTML 4Page - California Eastern Labs NX8563LA318-CC Datasheet HTML 5Page - California Eastern Labs NX8563LA318-CC Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NX8563LA Series
ORDERING INFORMATION
NX8563LA
-
CD : SC-APC
CC : SC-UPC
Wavelength Code : Refer to Table A
Without : 240 km (4 320 ps/nm)
S
: 100 km (1 800 ps/nm)
Table A: DWDM wavelength based on ITU-T recommendations (@TLD = Tset)
Wavelength Code
ITU-T Wavelength
*1
Frequency
Wavelength Code
ITU-T Wavelength
*1
Frequency
(nm)
(THz)
(nm)
(THz)
303
1 530.33
195.90
509
1 550.91
193.30
311
1 531.11
195.80
517
1 551.72
193.20
318
1 531.89
195.70
525
1 552.52
193.10
326
1 532.68
195.60
533
1 553.32
193.00
334
1 533.46
195.50
541
1 554.13
192.90
342
1 534.25
195.40
549
1 554.94
192.80
350
1 535.03
195.30
557
1 555.74
192.70
358
1 535.82
195.20
565
1 556.55
192.60
366
1 536.60
195.10
573
1 557.36
192.50
373
1 537.39
195.00
581
1 558.17
192.40
381
1 538.18
194.90
589
1 558.98
192.30
389
1 538.97
194.80
597
1 559.79
192.20
397
1 539.76
194.70
606
1 560.60
192.10
405
1 540.55
194.60
614
1 561.41
192.00
413
1 541.34
194.50
421
1 542.14
194.40
429
1 542.93
194.30
437
1 543.73
194.20
445
1 544.52
194.10
453
1 545.32
194.00
461
1 546.11
193.90
469
1 546.91
193.80
477
1 547.71
193.70
485
1 548.51
193.60
493
1 549.31
193.50
501
1 550.11
193.40
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10428EJ02V0DS
3


Similar Part No. - NX8563LA318-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8563LA318-CC RENESAS-NX8563LA318-CC Datasheet
288Kb / 10P
   LASER DIODE
2005
More results

Similar Description - NX8563LA318-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com