Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA802T Datasheet(PDF) 4 Page - California Eastern Labs

Part # UPA802T
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPA802T Datasheet(HTML) 4 Page - California Eastern Labs

  UPA802T_98 Datasheet HTML 1Page - California Eastern Labs UPA802T_98 Datasheet HTML 2Page - California Eastern Labs UPA802T_98 Datasheet HTML 3Page - California Eastern Labs UPA802T_98 Datasheet HTML 4Page - California Eastern Labs UPA802T_98 Datasheet HTML 5Page - California Eastern Labs UPA802T_98 Datasheet HTML 6Page - California Eastern Labs UPA802T_98 Datasheet HTML 7Page - California Eastern Labs UPA802T_98 Datasheet HTML 8Page - California Eastern Labs UPA802T_98 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UPA802T
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
UPA802T(Q1)
VCE = 1 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
K
Gmag
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.10
0.958
-15.16
3.187
166.69
0.032
79.93
0.988
-6.58
0.09
19.96
0.20
0.928
-28.69
3.093
156.52
0.062
71.38
0.963
-12.80
0.13
16.97
0.40
0.848
-55.75
2.811
136.55
0.108
55.84
0.888
-22.64
0.24
14.15
0.60
0.760
-78.46
2.474
120.48
0.136
44.42
0.814
-29.45
0.35
12.60
0.80
0.687
-97.04
2.147
107.67
0.150
36.37
0.754
-34.20
0.47
11.54
1.00
0.633
-112.40
1.863
97.49
0.157
30.81
0.714
-37.74
0.58
10.75
1.20
0.596
-125.48
1.654
88.81
0.157
27.29
0.679
-40.65
0.71
10.23
1.40
0.569
-136.93
1.479
81.45
0.155
25.10
0.659
-43.13
0.84
9.79
1.60
0.551
-147.13
1.341
75.09
0.150
24.63
0.642
-45.30
0.98
9.51
1.80
0.540
-156.65
1.225
69.42
0.146
24.53
0.635
-47.38
1.11
7.24
2.00
0.531
-165.70
1.132
64.10
0.140
26.86
0.624
-49.27
1.27
5.96
2.20
0.526
-174.27
1.055
59.52
0.136
29.55
0.620
-51.13
1.40
5.14
2.40
0.520
177.45
0.992
55.07
0.133
34.37
0.610
-53.10
1.54
4.38
2.60
0.520
169.16
0.930
51.37
0.132
39.26
0.607
-54.72
1.64
3.77
2.80
0.517
161.23
0.880
47.57
0.135
45.21
0.602
-56.65
1.71
3.21
3.00
0.520
153.22
0.836
44.36
0.142
50.87
0.594
-58.18
1.74
2.70
Coordinates in Ohms
Frequency in GHz
VCE = 1 V, IC = 1 mA
ZO = 50 Ω
j50
j25
S11
0.1 GHz
j10
0
10
25
50
-j10
-j25
-j50
-j100
j100
100
S22
3.0 GHz
S11
3.0 GHz
S22
0.1 GHz
90
°
120
°
150
°
180
°
-150
°
-120
°
-90
°
-60
°
0
°
30
°
60
°
-30
°
S21
0.1 GHz
S12
0.1 GHz
S21
3.0 GHz
S12
3.0 GHz
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculation:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,


Similar Part No. - UPA802T_98

ManufacturerPart #DatasheetDescription
logo
NEC
UPA802T-T1 NEC-UPA802T-T1 Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
logo
Renesas Technology Corp
UPA802T-T1 RENESAS-UPA802T-T1 Datasheet
216Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
UPA802T-T1-A CEL-UPA802T-T1-A Datasheet
606Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T_V1 CEL-UPA802T_V1 Datasheet
606Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - UPA802T_98

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com