Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6115C422 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6115C422
Description  CMOS Voltage Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6115C422 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6115C422 Datasheet HTML 1Page - Torex Semiconductor XC6115C422 Datasheet HTML 2Page - Torex Semiconductor XC6115C422 Datasheet HTML 3Page - Torex Semiconductor XC6115C422 Datasheet HTML 4Page - Torex Semiconductor XC6115C422 Datasheet HTML 5Page - Torex Semiconductor XC6115C422 Datasheet HTML 6Page - Torex Semiconductor XC6115C422 Datasheet HTML 7Page - Torex Semiconductor XC6115C422 Datasheet HTML 8Page - Torex Semiconductor XC6115C422 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
XC6101 ~ XC6107, XC6111~ XC6117
Series
RESET OUTPUT
SERIES
WATCHDOG
MANUAL
RESET
VDFL (RESETB)
VDFH (RESET)
XC6101
XC6111
Available
Available
CMOS
-
XC6102
XC6112
Available
Available
N-channel open drain
-
XC6103
XC6113
Available
Available
-
CMOS
XC6104
XC6114
Available
Not Available
CMOS
CMOS
XC6105
XC6115
Available
Not Available
N-channel open drain
CMOS
XC6106
XC6116
Not Available
Available
CMOS
CMOS
XC6107
XC6117
Not Available
Available
N-channel open drain
CMOS
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
0
: VDF x 5% (TYP.) with hysteresis
Hysteresis Range
1
: VDF x 0.1% (TYP.) without hysteresis
Functions and
Type of Reset Output
1 ~ 7
: Watchdog and manual functions, and reset
output type as per Selection Guide in the above
chart
A
: 3.13msec (TYP.)
B
: 25msec (TYP.)
C
: 50msec (TYP.)
D
: 100msec (TYP.)
E
: 200msec (TYP.)
F
: 400msec (TYP.)
Release Delay Time *
H
: 1.6sec (TYP.)
0
: No WD timeout period for
XC6106, XC6107, XC6116, XC6117 Series
1
: 6.25msec (TYP.)
2
: 50msec (TYP.)
3
: 100msec (TYP.)
4
: 200msec (TYP.)
5
: 400msec (TYP.)
Watchdog Timeout Period
6
: 1.6sec (TYP.)
⑤⑥
Detect Voltage
16 ~ 50
: Detect voltage
ex.) 4.5V: ⑤⇒4, ⑥⇒5
M
: SOT-25
Package
E
: USP-6C
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
* Please set the release delay time shorter than or equal to the watchdog timeout period.
ex.) XC6101D427MR or XC6101D327MR
PRODUCT CLASSIFICATION
Selection Guide
Ordering Information
XC61①②③④⑤⑥⑦⑧


Similar Part No. - XC6115C422

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AMR-G TOREX-XC6118C08AMR-G Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6115C422

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
   CMOS MULTILEVEL VOLTAGE DETECTOR
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com