Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8563LA557-CD Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8563LA557-CD
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LA557-CD Datasheet(HTML) 6 Page - California Eastern Labs

  NX8563LA557-CD Datasheet HTML 1Page - California Eastern Labs NX8563LA557-CD Datasheet HTML 2Page - California Eastern Labs NX8563LA557-CD Datasheet HTML 3Page - California Eastern Labs NX8563LA557-CD Datasheet HTML 4Page - California Eastern Labs NX8563LA557-CD Datasheet HTML 5Page - California Eastern Labs NX8563LA557-CD Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4590 Patrick Henry Drive
Santa Clara, CA 95054-1817
Telephone: (408) 919-2500
Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant
with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous
Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive
2003/11/EC Restriction on Penta and Octa BDE.
CEL Pb-free products have the same base part number with a suffix added. The suffix –A indicates
that the device is Pb-free. The –AZ suffix is used to designate devices containing Pb which are
exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals.
All devices with these suffixes meet the requirements of the RoHS directive.
This status is based on CEL’s understanding of the EU Directives and knowledge of the materials that
go into its products as of the date of disclosure of this information.
Restricted Substance
per RoHS
Concentration Limit per RoHS
(values are not yet fixed)
Concentration contained
in CEL devices
-A
-AZ
Lead (Pb)
< 1000 PPM
Not Detected
(*)
Mercury
< 1000 PPM
Not Detected
Cadmium
< 100 PPM
Not Detected
Hexavalent Chromium
< 1000 PPM
Not Detected
PBB
< 1000 PPM
Not Detected
PBDE
< 1000 PPM
Not Detected
If you should have any additional questions regarding our devices and compliance to environmental
standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance
content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information
provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better
integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL
suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for
release.
In no event shall CEL’s liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to
customer on an annual basis.
See CEL Terms and Conditions for additional clarification of warranties and liability.


Similar Part No. - NX8563LA557-CD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8563LA557-CD RENESAS-NX8563LA557-CD Datasheet
288Kb / 10P
   LASER DIODE
2005
More results

Similar Description - NX8563LA557-CD

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com