Electronic Components Datasheet Search |
|
SZ5U1R5F010T0 Datasheet(PDF) 9 Page - Sharma Electro Components,Inc |
|
SZ5U1R5F010T0 Datasheet(HTML) 9 Page - Sharma Electro Components,Inc |
9 / 12 page MULTILAYER CERAMIC LEADED CAPACITORS Introduction: Axial Epoxy coated multilayer ceramic capacitors available in popular COG(NPO), X7R and Z5U dielectrics. Ideal for industrial and general purpose electronics applications. These capacitors are available in both Bulk and Tape & Reel packing for automatic insertion. Series Specifications: NPO X7R Z5U Temperature Range in °C: -55 to +125 -55 to +125 +10 to +85 Dissipation Factor % @25°C & 1KHz: 0.25 max 2.5 max 3.0 max Insulation Resistance @ 25°C : 1 G Ohm or 1 G Ohm or 1 G Ohm or (minimum of) 100 Ohm F 100 Ohm F 100 Ohm F L 25.4mm min. (1.0" min. DØ 0.5mm (0.02") Axial Leaded SERIES Rated Voltage Dielectric Temperature Capacitance Dimensions V DC Coefficient Range pF Tolerance L max. D max. 50 COG (NPO) ±30 ppm / °C 10 to 750 J( ±5%), K( ±10%) 5.0 mm 3.0 mm 0.200" 0.120" Rated Voltage Dielectric Temperature Capacitance Dimensions V DC Coefficient Range pF Tolerance L max. D max. 50 X7R ±15% 560 to 15000 K( ±10%), M( ±20%) 5.0 mm 3.0 mm 0.200" 0.120" Rated Voltage Dielectric Temperature Capacitance Dimensions V DC Coefficient Range pF Tolerance L max. D max. 50 Z5U +22 to -56% 1000 to100000 M( ±20%) 5.0 mm 3.0 mm Z(-20 to +80%) 0.200" 0.120" Axial Series ANPO Axial Series AZ5U Axial Series AX7R PART NUMBERING Tol Code: J- 5% K- 10% M - 20% Z - -20 +80% Cap Value: 3 Digit EIA Code Packaging: T - Tape B- Bulk Series: ANPO, AX7R, AZ5U Voltage Code: 050 - 50VDC 100 - 100VDC Lead Style: X- Axial Sharma Ceramic Capacitors Page 9 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |
Similar Part No. - SZ5U1R5F010T0 |
|
Similar Description - SZ5U1R5F010T0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |