Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2003-DC90A Datasheet(PDF) 4 Page - Rohm

Part # SE2003-DC90A
Description  Hight Speed Thermal Printhead (8dots / mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SE2003-DC90A Datasheet(HTML) 4 Page - Rohm

  SE2003-DC90A Datasheet HTML 1Page - Rohm SE2003-DC90A Datasheet HTML 2Page - Rohm SE2003-DC90A Datasheet HTML 3Page - Rohm SE2003-DC90A Datasheet HTML 4Page - Rohm SE2003-DC90A Datasheet HTML 5Page - Rohm SE2003-DC90A Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SE2003-DC90A
Printheads
4/5
Equivalent circuit
DOT#1
DOT #640
VH
220
µF 35V
GND
BEO
STB2
STB1
LA
DI 2
DI 1
CLK
VDD
GND
TM
TM
0.1
µF 50V
LATCH
640
321
320
1
DI No.
DI 2
STB 2
STB 1
640 to 321
320 to
1
DI 1
DOT No.
640 to 321
320 to
1
STB No.
DOT No.
Fig. 2


Similar Part No. - SE2003-DC90A

ManufacturerPart #DatasheetDescription
logo
Rohm
SE2003-DC94A ROHM-SE2003-DC94A Datasheet
77Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
More results

Similar Description - SE2003-DC90A

ManufacturerPart #DatasheetDescription
logo
Rohm
SE2002-DC90A ROHM-SE2002-DC90A Datasheet
80Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
SE2002-DC94A ROHM-SE2002-DC94A Datasheet
77Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
SE2004-DC90A ROHM-SE2004-DC90A Datasheet
87Kb / 6P
   Hight Speed Thermal Printhead (8dots / mm)
NF2004-VA20A ROHM-NF2004-VA20A Datasheet
75Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
SE2003-DC94A ROHM-SE2003-DC94A Datasheet
77Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
SE2004-DC94A ROHM-SE2004-DC94A Datasheet
104Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
SH2002-DC90A ROHM-SH2002-DC90A_07 Datasheet
212Kb / 6P
   Near edge thermal printhead (8dots / mm)
KF2008-GH40A ROHM-KF2008-GH40A Datasheet
78Kb / 5P
   Thick film thermal printhead (8dots / mm)
SH2002-DC90A ROHM-SH2002-DC90A Datasheet
87Kb / 6P
   Near edge thermal printhead (8dots / mm)
KF2008-GK11A ROHM-KF2008-GK11A Datasheet
65Kb / 4P
   Thick Film Thermal Printhead (8dots / mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com