Part Name
         Description
MKTMPX_1

 SAFETY RECOGNIZED FILM CAPACITOR ( 2 Page)


SHARMA
100% 
Zoom Out Zoom In
   
 1 page
background image
MKTMPX SERIES
SAFETY RECOGNIZED FILM CAPACITOR
1.
Rated Interference Suppression "X2"
Metallized Polypropylene Composite dielectric.
UL 1414 (250V AC), CUL 1414/Canda (250V VAC)
VDE KEMA SEV NEMKO DEMKO SEMKO FIMKO CHINA:
DIN EN 132400 (1994) / IEC60382-14 (1993) AND IEC DRAFT 40 (SEC)677
2.
Ideal for using in Line-By-Pass, Antenna Coupling, Across-The-Line and Spark killer
circuits and available for EMI filter and switching power supply and radio-and
monitor, television application.
3.
Flame retardant plastic cases and epoxy resin. (compliance with 94V-0)
4.
Self-healing properties.
5.
Proven series wound construction.
6.
Approved By : UL, CSA, VDE, KEMA, SEV, NEMKO, DEMKO, SEMKO, FIMKO, CHINA.
SPECIFICATIONS :
OPERATING TEMPERATURE
-40
to +100
W max
T
RATED VOLTAGE
280VAC
max
CAPACITANCE RANGE
0.0022 ~ 4.7uF
DIELECTRIC STRENGTH
Applied 1500VDC for 1minute or 2100VDC
for 1 second.
CAPACITANCE TOLERANCE
+-10% (K)
H max
Measured after a charging voltage 100 ±15VDC
INSULATION RESISTANCE
for 1 minute.
25 ±2.0
d O
LESS THAN OR EQUAL TO 0.33 F
30,000M
GREATER THAN 0.33 F
10,000M
F
DISSIPATION FACTOR
0.1% MAX. at 1KHz
P±0.5
(Unit : mm)
MAXIMUM PULSE RISE TIME
250 VAC: 120 V/microsecond.
F
SIZE
W
H
T
P
d O
F
SIZE
W
H
T
P
d O
0.0022
13.0
9.0
4.0
10.0
0.6
0.22
26.5
16.5
7.0
22.5
0.8
0.0027
13.0
9.0
4.0
10.0
0.6
0.27
26.5
16.5
8.5
22.5
0.8
0.0033
13.0
9.0
4.0
10.0
0.6
0.33
18.0
14.5
8.5
15.0
0.8
0.0039
13.0
9.0
4.0
10.0
0.6
0.33
26.5
16.5
7.0
22.5
0.8
0.0047
13.0
12.0
5.0
10.0
0.6
0.33
26.5
17.0
8.5
22.5
0.8
0.0056
13.0
12.0
5.0
10.0
0.6
0.39
26.5
20.0
10.0
22.5
0.8
0.0068
13.0
12.0
5.0
10.0
0.6
0.47
17.5
19.0
11.0
15.0
0.8
0.0082
13.0
12.0
5.0
10.0
0.6
0.47
18.0
16.0
10.0
15.0
0.8
0.01
13.0
12.0
5.0
10.0
0.6
0.47
26.5
17.0
8.5
22.5
0.8
0.012
13.0
12.0
5.0
10.0
0.6
0.47
26.5
20.0
10.0
22.5
0.8
0.015
13.0
12.0
5.0
10.0
0.6
0.47
32.0
20.0
11.0
27.5
0.8
0.018
13.0
12.0
5.0
10.0
0.6
0.56
32.0
20.0
11.0
27.5
0.8
0.022
13.0
12.0
5.0
10.0
0.6
0.68
26.5
20.0
10.0
22.5
0.8
0.027
13.0
12.0
5.0
10.0
0.6
0.68
32.0
20.0
11.0
27.5
0.8
0.033
13.0
12.0
5.0
10.0
0.6
0.82
32.0
22.0
13.0
27.5
0.8
0.039
13.0
12.0
6.0
10.0
0.6
0.82
26.5
20.0
10.0
22.5
0.8
0.047
18.0
11.0
5.0
15.0
0.6
1.0
32.0
20.0
11.0
27.5
0.8
0.047
13.0
12.0
6.0
10.0
0.6
1.0
32.0
22.0
13.0
27.5
0.8
0.056
13.0
12.0
6.0
10.0
0.6
1.0
37.0
25.0
13.5
31.5
0.8
0.068
13.0
12.0
6.0
10.0
0.6
1.5
32.0
22.0
13.0
27.5
0.8
0.068
18.0
11.0
5.0
15.0
0.6
1.5
37.0
26.5
17.0
31.5
0.8
0.082
18.0
12.0
5.5
15.0
0.8
1.8
37.0
29.0
19.0
31.5
0.8
0.1
13.5
12.0
6.0
10.0
0.8
2.0
31.0
31.0
22.0
27.5
0.8
0.1
18.0
12.0
6.0
15.0
0.8
2.0
38.0
28.0
18.0
31.5
0.8
0.1
18.0
11.5
5.5
15.0
0.8
2.2
31.0
31.0
22.0
27.5
0.8
0.12
18.0
13.0
6.5
15.0
0.8
2.2
38.0
29.0
19.0
31.5
0.8
0.15
18.0
13.5
7.5
15.0
0.8
2.5
38.0
30.0
20.0
31.5
0.8
0.15
26.5
15.0
6.0
22.5
0.8
3.0
38.0
30.0
20.0
31.5
0.8
0.18
18.0
14.5
8.5
15.0
0.8
3.3
38.8
31.3
21.7
31.5
0.8
0.18
26.5
16.0
6.0
22.5
0.8
4.0
48.0
30.0
30.0
41.5
0.8
0.22
18.0
14.5
8.5
15.0
0.8
4.7
48.0
30.0
30.0
41.5
0.8D
D
imension Tolerance: +/- 0.5mm
V
DE
CQC
Sharma Film Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MKTMPXSAFETY RECOGNIZED FILM CAPACITOR 1 Sharma Electro Components,Inc
MKP1837_05Metallized Polypropylene Film Capacitor 1 2 3 Vishay Siliconix
XC6108_1Voltage Detector with Separated Sense Pin & Delay Type Capacitor 1 2 3 4 5 MoreTorex Semiconductor
CRCW0402Thick Film Rectangular Precision Resistors 1 2 Vishay Siliconix
B32560Metallized Polyester Film Capacitors MKT Uncoated Silver Caps 1 2 3 4 5 MoreSiemens Semiconductor Group
KD2003-CG10ACompact medium speed thick film thermal printhead 8dots / mm 1 2 3 4 5 Rohm
KD3003-DC10AThick Film Thermal Printhead 300dpi 1 2 3 4 5 Rohm
MCR03_1Thick film rectangular resistors 1 2 3 4 5 MoreRohm
AM-182Cascadable Thin Film Amplifier 28 dB Gain 5 - 1000 MHz 1 2 3 Tyco Electronics
ISL9212ACharging System Safety Circuit 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl