Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG2101M05 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NESG2101M05
Description  NPN SiGe HIGH FREQUENCY TRANSISTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NESG2101M05 Datasheet(HTML) 1 Page - California Eastern Labs

  NESG2101M05 Datasheet HTML 1Page - California Eastern Labs NESG2101M05 Datasheet HTML 2Page - California Eastern Labs NESG2101M05 Datasheet HTML 3Page - California Eastern Labs NESG2101M05 Datasheet HTML 4Page - California Eastern Labs NESG2101M05 Datasheet HTML 5Page - California Eastern Labs NESG2101M05 Datasheet HTML 6Page - California Eastern Labs NESG2101M05 Datasheet HTML 7Page - California Eastern Labs NESG2101M05 Datasheet HTML 8Page - California Eastern Labs NESG2101M05 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
NESG2101M05
NEC's NPN SiGe
HIGH FREQUENCY TRANSISTOR
M05
DESCRIPTION
NEC's NESG2101M05 is fabricated using NECʼs high voltage
Silicon Germanium process (UHS2-HV), and is designed for
a wide range of applications including low noise amplifiers,
medium power amplifiers, and oscillators
NECʼs low profile, flat lead style M05 Package provides high
frequency performance for compact wireless designs.
California Eastern Laboratories
HIGH BREAKDOWN VOLTAGE SiGe TECHNOLOGY
VCEO = 5 V (Absolute Maximum)
HIGH OUTPUT POWER:
P1dB = 21 dBm at 2 GHz
LOW NOISE FIGURE:
NF = 0.9 dB at 2 GHz
• HIGH MAXIMUM STABLE POWER GAIN:
MSG = 17 dB at 2 GHz
LOW PROFILE M05 PACKAGE:
SOT-343 footprint, with a height of only 0.59 mm
Flat lead style for better RF performance
FEATURES
PART NUMBER
NESG2101M05
PACKAGE OUTLINE
M05
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
P1dB
Output Power at 1 dB Compression Point
dBm
21
VCE = 3.6 V, ICQ = 10 mA, f = 2 GHz
GL
Linear Gain, VCE = 3.6 V, ICQ = 10 mA, f = 2 GHz
dB
15
NF
Noise Figure at VCE = 2 V, IC = 10 mA, f = 2 GHz,
dB
0.9
1.2
ZS = ZSOPT, ZL = ZLOPT
Ga
Associated Gain at VCE = 2 V, IC = 10 mA, f = 2 GHz,
dB
11.0
13.0
ZS = ZSOPT, ZL = ZLOPT
NF
Noise Figure at VCE = 2 V, IC = 7mA, f = 1 GHz,
dB
0.6
ZS = ZSOPT, ZL = ZLOPT
Ga
Associated Gain at VCE = 2 V, IC = 7 mA, f = 1 GHz,
dB
19.0
ZS = ZSOPT, ZL = ZLOPT
MSG
Maximum Stable Gain1 at VCE = 3 V, IC = 50 mA, f = 2 GHz
dB
14.5
17.0
|S21E|2
Insertion Power Gain at VCE = 3 V, IC = 50 mA, f = 2 GHz
dB
11.5
13.5
fT
Gain Bandwidth Product at VCE = 3 V, IC = 50 mA, f = 2 GHz
GHz
14
17
Cre
Reverse Transfer Capacitance2 at VCB = 2 V, IC = 0 mA, f = 1 MHz
pF
0.4
0.5
ICBO
Collector Cutoff Current at VCB = 5V, IE = 0
nA
100
IEBO
Emitter Cutoff Current at VEB = 1 V, IC = 0
nA
100
hFE
DC Current Gain3 at VCE = 2 V, IC = 15 mA
130
190
260
ELECTRICAL CHARACTERISTICS (TA = 25°C)
S21
S12
Notes:
1. MSG =
2. Collector to base capacitance is measured by capacitance meter (automatic balance bridge method) when emitter pin is connected to
the guard pin.
3. Pulsed measurement, pulse width ≤ 350 μs, duty cycle ≤ 2 %.


Similar Part No. - NESG2101M05

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2101M05 NEC-NESG2101M05 Datasheet
172Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
logo
Renesas Technology Corp
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
   NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
NESG2101M05-A RENESAS-NESG2101M05-A Datasheet
172Kb / 15P
   NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
logo
NEC
NESG2101M05-T1 NEC-NESG2101M05-T1 Datasheet
172Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
logo
Renesas Technology Corp
NESG2101M05-T1 RENESAS-NESG2101M05-T1 Datasheet
172Kb / 15P
   NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
More results

Similar Description - NESG2101M05

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
151Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2031M05 CEL-NESG2031M05 Datasheet
790Kb / 13P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG3031M14 CEL-NESG3031M14 Datasheet
551Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2030M04 CEL-NESG2030M04 Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2101M16 CEL-NESG2101M16 Datasheet
227Kb / 3P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com