Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSA12L Datasheet(PDF) 2 Page - Rohm

Part # RSA12L
Description  ESD Protection Device (TVS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSA12L Datasheet(HTML) 2 Page - Rohm

  RSA12L Datasheet HTML 1Page - Rohm RSA12L Datasheet HTML 2Page - Rohm RSA12L Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RSA12L
Diodes
2/2
Electrical characteristic curves (Ta=25
°C)
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
IR DISRESION MAP
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Ct DISRESION MAP
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
ZENER CURRENT(mA)
Zz-Iz CHARACTERISTICS
Vz DISRESION MAP
TIME:t(s)
Rth-t CHARACTERISTICS
0.001
0.01
0.1
1
10
100
1000
10000
012
345
678
9 10 11 12
Ta=-25℃
Ta=25℃
Ta=75℃
Ta=125℃
Ta=150℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25℃
VR=12V
n=30pcs
AVE:0.81nA
0.1
1
10
01
2
3
45
6
7
89 10 11 12
f=1MHz
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
Ta=25℃
f=1MHz
VR=0V
n=10pcs
AVE:1.856nF
0.001
0.01
0.1
1
10
11
12
13
14
15
16
17
18
19
Ta=75℃
Ta=-25℃
Ta=25℃
Ta=125℃
Ta=150℃
1
10
100
1000
10000
0.1
1
10
14
14.1
14.2
14.3
14.4
14.5
Ta=25℃
IZ=1mA
n=30pcs
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
1ms
IM=10mA
IF=0.5A
300us
time
Rth(j-a)
Rth(j-c)
Mounted on epoxy board
0
5
10
15
20
25
30
No break at 30kV
C=100pF
R=1.5kΩ
C=200pF
R=0Ω
No break at 30kV
ESD DISPERSION MAP
AVE:14.24V


Similar Part No. - RSA12L

ManufacturerPart #DatasheetDescription
logo
Rohm
RSA12L ROHM-RSA12L Datasheet
273Kb / 6P
   ESD Protection Device (TVS)
RSA12L ROHM-RSA12L_15 Datasheet
273Kb / 6P
   ESD Protection Device (TVS)
More results

Similar Description - RSA12L

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
RSA30L GXELECTRONICS-RSA30L Datasheet
1Mb / 2P
   ESD protection device (TVS)
logo
Rohm
RSA30L ROHM-RSA30L Datasheet
160Kb / 3P
   ESD protection device (TVS)
RSA12MGTR ROHM-RSA12MGTR Datasheet
117Kb / 3P
   ESD Protection Device (TVS)
RSA5MGTR ROHM-RSA5MGTR Datasheet
92Kb / 3P
   ESD Protection Device (TVS)
RSA30L ROHM-RSA30L_11 Datasheet
961Kb / 3P
   ESD protection device (TVS)
RSA30LTE25 ROHM-RSA30LTE25 Datasheet
302Kb / 3P
   ESD protection device (TVS)
RSA30L ROHM-RSA30L_15 Datasheet
294Kb / 6P
   ESD protection device (TVS)
RSA12M ROHM-RSA12M_08 Datasheet
115Kb / 3P
   ESD Protection Device (TVS)
RSA5M ROHM-RSA5M Datasheet
123Kb / 3P
   ESD Protection Device (TVS)
RSA12M ROHM-RSA12M Datasheet
164Kb / 3P
   ESD Protection Device (TVS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com