Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB743XE Datasheet(PDF) 1 Page - Rohm

Part # DTB743XE
Description  -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB743XE Datasheet(HTML) 1 Page - Rohm

  DTB743XE Datasheet HTML 1Page - Rohm DTB743XE Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTB743XE / DTB743XM
Transistors
1/1
-200mA / -30V Low VCE (sat) Digital transistors
(with built-in resistors)
DTB743XE / DTB743XM
Applications
Inverter, Interface, Driver
External dimensions (Unit : mm)
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
VMT3
(1) GND
(2) IN
(3) OUT
(1) IN
(2) GND
(3) OUT
EMT3
JEITA No. (SC-75A)
JEDEC No. <SOT-416>
DTB743XE
DTB743XM
Abbreviated symbol : M33
Abbreviated symbol : M33
Each lead has same dimensions
Each lead has same dimensions
Feature
1) VCE(sat) is lower than the conventional products.
2) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit).
3) The bias resistors consist of thin-film resistors with
complete isolation to allow positive biasing of the
input. They also have the advantage of almost
completely eliminating parasitic effects.
4) Only the on / off conditions need to be set for
operation, making the device design easy.
Structure
PNP epitaxial plannar silicon transistor
(Resistor built-in type)
Absolute maximum ratings (Ta=25
°C)
Packaging specifications
EMT3
VMT3
DTB743XE
Part No.
DTB743XM
TL
3000
T2L
8000
Package
Packaging type
Taping
Taping
Code
Basic ordering
unit (pieces)
Parameter
Symbol
VCC
−30
−20 to +7
−200
150
150
−55 to +150
DTB743XE DTB743XM
V
VIN
V
mA
mW
IC (max)
PD
Tj
Tstg
Unit
C
C
Limits
∗1
∗1 Characteristics of built-in transistor.
∗2 Each terminal mounted on a recommended land.
∗2
Supply voltage
Input voltage
Collector current
Power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Equivalent circuit
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−2.5
3.29
140
1.7
−70
4.7
2.1
260
−0.3
−300
−1.4
−0.5
6.11
2.6
V
VCC=
− 5V, IO= −100µA
VO=
−0.3V, IO= −20mA
IO/II=
−50mA / −2.5mA
VI=
−5V
VCC=
−30V, VI=0V
VO=
−2V, IO= −100mA
VCE=
−10V, IE=5mA, f=100MHz
mV
mA
µA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Characteristics of built-in transistor.
R1
R1=4.7k
Ω / R2=10kΩ
R2
IN
GND(+)
OUT
IN
GND(+)
OUT


Similar Part No. - DTB743XE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB743XE ROHM-DTB743XE Datasheet
317Kb / 7P
   PNP -200mA -30V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTB743XE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB713ZE ROHM-DTB713ZE Datasheet
63Kb / 2P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB713ZE ROHM-DTB713ZE_09 Datasheet
184Kb / 3P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD713ZE ROHM-DTD713ZE Datasheet
63Kb / 2P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB723YE ROHM-DTB723YE Datasheet
63Kb / 2P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD723YE ROHM-DTD723YE_09 Datasheet
184Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB743EE ROHM-DTB743EE_09 Datasheet
184Kb / 3P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD743EE ROHM-DTD743EE_09 Datasheet
184Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD743XE ROHM-DTD743XE_11 Datasheet
966Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors(with built-in resistors)
DTD723YE ROHM-DTD723YE Datasheet
63Kb / 2P
   200mA / 30V Low VCE (sat) Digital transistors(with built-in resistors)
DTD713ZE ROHM-DTD713ZE_09 Datasheet
184Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com