Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRWP103M6.3V12.5X20F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRWP103M6.3V12.5X20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWP103M6.3V12.5X20F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRWP103M6.3V12.5X20F Datasheet HTML 1Page - NIC-Components Corp. NRWP103M6.3V12.5X20F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
68
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
69
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
β = D < 16mm = 1.5mm, L > 16mm = 2.0mm
dφ ± 0.05
Insulation Sleeve
F ± 0.5
Dφ ± α
4mm
Min.
15mm Min.
L + β max.
Polarity Marking
Case Dia. (D
Case Dia. (D
Case Dia. (Dφφφ)))
5
6.3
8
10 12.5 16
18
Lead Dia. (D
Lead Dia. (Dφφ))
0.5 0.5 0.6 0.6 0.6 0.8 0.8
Lead Spacing (F)
Lead Spacing (F) 2.0 2.5 3.5 5.0 5.0 7.5 7.5
Dim. α
0.5 0.5 0.5 0.5 0.5 0.5 0.5
LEAD SPACING AND DIAMETER (mm)
Capacitance
(µF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
33
330
-
-
-
-
-
-
-
8 x 11.5
47
470
-
-
-
-
-
-
-
8 x 11.5
100
101
-
-
-
-
-
8 x 11.5
8 x 11.5
10 x 16
220
221
-
-
-
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
12.5 x 20
330
331
-
-
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
10 x 20
12.5 x 25
470
471
-
6.3 x 11
8 x 11.5
8 x 11.5
10 x 12.5
10 x 20
12.5 x 20
16 x 25
680
681
6.3 x 11
8 x 11.5
8 x 11.5
10 x 12.5
10 x 16
12.5 x 20
12.5 x 25
16 x 31.5
1,000
102
8 x 11.5
8 x 11.5
10 x 12.5
10 x 16
10 x 20
12.5 x 25
16 x 25
18 x 35.5
2,200
222
10 x 16
10 x 16
10 x 20
12.5 x 20
16 x 25
16 x 31.5
18 x 31.5
-
3,300
332
10 x 20
10 x 20
12.5 x 20
16 x 25
16 x 25
18 x 35.5
-
-
4,700
472
12.5 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 35.5
-
-
-
6,800
682
12.5 x 25
16 x 25
16 x 25
16 x 35.5
18 x 35.5
-
-
-
10,000
103
16 x 25
16 x 25
16 x 31.5
18 x 35.5
-
-
-
-
15,000
153
16 x 31.5
16 x 35.5
18 x 35.5
-
-
-
-
-
22,000
223
18 x 31.5
18 x 35.5
-
-
-
-
-
-
33,000
333
18 x 40
-
-
-
-
-
-
-
STANDARD PRODUCT AND CASE SIZE TABLE D φ x L (mm)
Miniature Aluminum Electrolytic Capacitors
NRWP Series
PART NUMBER SYSTEM
NRWP 221 M 25V 6.3X11 F .
RoHS Compliant
Case Size (Dφ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Tolerance Code (M=20%)
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Working Voltage (Vdc)
RoHS Compliant
Case Size (D
Case Size (D
RoHS Compliant
RoHS Compliant


Similar Part No. - NRWP103M6.3V12.5X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWP103M63V16X25F NIC-NRWP103M63V16X25F Datasheet
123Kb / 7P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWP103M6.3V12.5X20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com