Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACE220M16V6.3X5.5TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACE220M16V6.3X5.5TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACE220M16V6.3X5.5TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACE220M16V6.3X5.5TR13F Datasheet HTML 1Page - NIC-Components Corp. NACE220M16V6.3X5.5TR13F Datasheet HTML 2Page - NIC-Components Corp. NACE220M16V6.3X5.5TR13F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACE Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION
• LOW COST, GENERAL PURPOSE, 2000 HOURS AT 85OC
• NEW EXPANDED CV RANGE (up to 6800
µF)
• ANTI-SOLVENT (2 MINUTES)
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
CHARACTERISTICS
*See standard products and case size table for items available in 10% tolerance
Rated Voltage Range
4.0 ~ 100Vdc
Rate Capacitance Range
0.1 ~ 6,800µF
Oerating Temp. Range
-40°C ~ +85°C
Capacitance Tolerance
±20% (M), ±10%
Max. Leakage Current
After 2 Minutes @ 20°C
0.01CV or 3µA
whichever is greater
Tan
δ @120Hz/20°C
W.V. (Vdc)
4.0
6.3
10
16
25
35
50
63
100
3mm Dia.
0.40
0.35
0.24
0.19
0.16
0.14
0.14
-
-
4 ~ 6.3mm Dia.
0.35
0.26
0.20
0.16
0.14
0.12
0.10
0.10
0.10
8x6.5mm Dia.
-
0.25
0.26
0.20
0.16
0.14
0.12
-
0.10
8mm Dia. ~ up
C<1000µF
0.40
0.30
0.24
0.20
0.16
0.14
0.12
0.12
0.10
C<1500µF
-
0.31
0.25
0.21
-
0.15
-
-
-
C<2200µF
-
0.32
0.32
-
0.18
-
-
-
-
C<3300µF
-
0.34
-
0.24
-
-
-
-
-
C<4700µF
-
-
0.36
-
-
-
-
-
-
C<6800µF
-
0.40
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
4.0
6.3
10
16
25
35
50
63
100
Z-25°C/Z+20°C
7
3
3
2
2
2
2
2
2
Z-40°C/Z+20°C
15
8
6
4
4
3
3
3
3
Load Life Test
85°C 2,000 Hours
Capacitance Change
Within ± 25% of initial measured value
Tan
δ
Less than 200% of specified max. value
Leakage Current
Less than specified max. value
NACE 101 M 16V 6.3x5.5 TR 13 F
RoHS Compliant
97% Sn (min.), 3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
µF
Series
PART NUMBER SYSTEM
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NACE220M16V6.3X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACEN NIC-NACEN Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K104X5.5TR13F NIC-NACEN100K104X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K105X5.5TR13F NIC-NACEN100K105X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K106.3X5.5TR13F NIC-NACEN100K106.3X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K164X5.5TR13F NIC-NACEN100K164X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACE220M16V6.3X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com