Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMMT591A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMMT591A
Description  PNP BISS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMMT591A Datasheet(HTML) 5 Page - NXP Semiconductors

  PMMT591A Datasheet HTML 1Page - NXP Semiconductors PMMT591A Datasheet HTML 2Page - NXP Semiconductors PMMT591A Datasheet HTML 3Page - NXP Semiconductors PMMT591A Datasheet HTML 4Page - NXP Semiconductors PMMT591A Datasheet HTML 5Page - NXP Semiconductors PMMT591A Datasheet HTML 6Page - NXP Semiconductors PMMT591A Datasheet HTML 7Page - NXP Semiconductors PMMT591A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 Aug 04
5
Philips Semiconductors
Product specification
PNP BISS transistor
PMMT591A
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - PMMT591A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMMT591A NEXPERIA-PMMT591A Datasheet
317Kb / 8P
   PNP BISS transistor
2004 Jan 13
logo
NXP Semiconductors
PMMT591A PHILIPS-PMMT591A_15 Datasheet
127Kb / 7P
   PNP BISS transistor
2004 Jan 13
More results

Similar Description - PMMT591A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMMT591A PHILIPS-PMMT591A_15 Datasheet
127Kb / 7P
   PNP BISS transistor
2004 Jan 13
BDL32 PHILIPS-BDL32 Datasheet
55Kb / 8P
   PNP BISS-transistor
1999 Apr 29
logo
Nexperia B.V. All right...
PMMT591A NEXPERIA-PMMT591A Datasheet
317Kb / 8P
   PNP BISS transistor
2004 Jan 13
PBSS5255PAPS-Q NEXPERIA-PBSS5255PAPS-Q Datasheet
284Kb / 15P
   55V, 2A PNP/PNP low VCEsat (BISS) double transistor
23 September 2021
logo
NXP Semiconductors
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
PBSS302PD PHILIPS-PBSS302PD Datasheet
134Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
logo
Nexperia B.V. All right...
PBSS5255PAPS NEXPERIA-PBSS5255PAPS Datasheet
732Kb / 17P
   55V, 2A PNP/PNP low VCEsat (BISS) double transistor
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
PBSS5220T PHILIPS-PBSS5220T Datasheet
55Kb / 7P
   20V, 2A PNP low VCEsat (BISS) transistor
2003 Dec 18
PBSS4032SP PHILIPS-PBSS4032SP_15 Datasheet
173Kb / 15P
   30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
Rev. 2-13 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com