Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE650103M Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE650103M
Description  10 W L & S-BAND POWER GaAs MESFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE650103M Datasheet(HTML) 3 Page - California Eastern Labs

  NE650103M Datasheet HTML 1Page - California Eastern Labs NE650103M Datasheet HTML 2Page - California Eastern Labs NE650103M Datasheet HTML 3Page - California Eastern Labs NE650103M Datasheet HTML 4Page - California Eastern Labs NE650103M Datasheet HTML 5Page - California Eastern Labs NE650103M Datasheet HTML 6Page - California Eastern Labs NE650103M Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NE650103M
0
15
20
25
30
35
40
45
-20
0
20
40
60
80
100
VDS = 10 V,
IDSQ = 1.5 A
F = 880 MHz
510
15
20
25
0
0
Pout
PAE
OUTPUT POWER AND
POWER ADDED EFFICIENCY
Input Power, PIN (dBm)
-20
-25
-30
-35
-40
-45
-50
-55
-60
20
25
30
35
40
VDS = 10 V,
F1 = 1.9575 GHz
F2 = 1.9575 GHz
IDSQ = 1 A
IDSQ = 1.5 A
IDSQ = 2 A
THIRD ORDER INTERMODULATION
DISTORTION vs. OUTPUT POWER
2-Tone Output Power, POUT (dBm)
45
40
35
30
25
20
10
15
20
25
30
35
0
20
40
60
80
100
VDS = 10 V,
IDSQ = 1.5 A
Rg = 100
F = 1.5 GHz
OUTPUT POWER AND
POWER ADDED EFFICIENCY
Input Power, PIN (dBm)
10
15
20
25
30
35
0
20
20
25
30
35
40
45
Pout (IDSQ = 1 A)
Pout (IDSQ = 1.5 A)
Pout (IDSQ = 2 A)
PAE (IDSQ = 1 A)
PAE (IDSQ = 1.5 A)
PAE (IDSQ = 2 A)
60
80
100
40
f =1.96 GHz
VDS = 10 V
OUTPUT POWER AND
POWER ADDED EFFICIENCY
Input Power, PIN (dBm)
Input Power, PIN (dBm)
10
0
1
2
3
4
15
20
25
30
35
-10
0
10
20
30
ID (DSQ = 1 A)
ID (DSQ = 2 A)
IG (DSQ = 1.5 A
ID (DSQ = 1.5 A)
IG (DSQ = 1 A)
IG (DSQ = 2 A)
f =1.96 GHz
VDS = 10 V


Similar Part No. - NE650103M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE650103M RENESAS-NE650103M Datasheet
230Kb / 10P
   N-CHANNEL GaAs MES FET
NE650103M-A RENESAS-NE650103M-A Datasheet
230Kb / 10P
   N-CHANNEL GaAs MES FET
More results

Similar Description - NE650103M

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500496 NEC-NE6500496_00 Datasheet
33Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE6501077 CEL-NE6501077_00 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE650496 CEL-NE650496 Datasheet
34Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
NE6501077 CEL-NE6501077 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE6500379A CEL-NE6500379A Datasheet
162Kb / 7P
   3W, L/S-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE76118 NEC-NE76118_00 Datasheet
32Kb / 4P
   GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
NES1823P-100 NEC-NES1823P-100 Datasheet
154Kb / 20P
   100W L-BAND PUSH-PULL POWER GaAs MESFET
logo
California Eastern Labs
NE76118 CEL-NE76118 Datasheet
33Kb / 4P
   GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
NEC
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com