Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE8500295-6 Datasheet(PDF) 5 Page - NEC

Part # NE8500295-6
Description  2 WATT C-BAND POWER GaAs MESFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE8500295-6 Datasheet(HTML) 5 Page - NEC

  NE8500295-6 Datasheet HTML 1Page - NEC NE8500295-6 Datasheet HTML 2Page - NEC NE8500295-6 Datasheet HTML 3Page - NEC NE8500295-6 Datasheet HTML 4Page - NEC NE8500295-6 Datasheet HTML 5Page - NEC NE8500295-6 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL SCATTERING PARAMETERS (TC = 25°C)
NE85002 SERIES
NE8500295-8
VDS = 10 V, IDS = 450 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.971
-54.800
17.977
150.900
0.004
35.400
0.427
-155.900
0.030
36.527
0.5
0.937
-146.300
6.354
98.200
0.016
24.000
0.464
-172.300
0.452
25.989
1.0
0.934
-174.000
3.391
74.500
0.018
22.300
0.492
-178.900
0.821
22.751
1.5
0.947
170.900
2.382
56.200
0.020
20.800
0.513
177.400
0.811
20.759
2.0
0.939
158.300
1.869
40.300
0.026
28.100
0.534
173.300
0.954
18.566
2.5
0.921
153.800
1.473
27.700
0.023
22.700
0.573
169.500
1.495
13.906
3.0
0.906
145.400
1.335
15.900
0.027
20.900
0.592
168.100
1.570
12.501
3.5
0.887
137.000
1.272
2.700
0.034
19.900
0.603
165.700
1.497
11.563
4.0
0.866
126.200
1.252
-11.100
0.041
10.200
0.602
160.300
1.423
10.984
4.5
0.836
113.900
1.343
-25.500
0.044
6.000
0.583
155.200
1.556
10.456
5.0
0.805
98.800
1.483
-43.600
0.056
-4.100
0.592
149.200
1.211
11.454
5.5
0.734
80.200
1.658
-64.900
0.065
-18.900
0.628
142.800
1.074
12.409
6.0
0.587
57.400
1.893
-90.600
0.073
-41.500
0.695
138.700
0.948
14.138
6.5
0.303
23.500
2.124 -122.700
0.075
-69.900
0.788
133.400
0.925
14.521
7.0
0.116
-152.800
2.078 -159.400
0.063
-101.500
0.874
125.700
1.015
14.431
7.5
0.394
158.700
1.824
167.500
0.042
-134.100
0.883
115.900
1.421
12.522
8.0
0.536
126.700
1.587
137.200
0.025
165.800
0.858
102.200
2.264
11.697
8.5
0.570
91.000
1.413
103.500
0.033
49.500
0.843
81.500
1.665
11.551
9.0
0.497
45.200
1.105
66.600
0.069
-26.200
0.773
59.800
1.861
6.692
9.5
0.354
3.800
0.787
38.600
0.067
-59.800
0.747
51.700
3.631
2.173
10.0
0.288
-34.500
0.622
17.000
0.068
-86.200
0.712
46.800
5.336
-0.631
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
S22
10 GHz
S22
0.1 GHz
S11
10 GHz
S11
0.1 GHz
+120˚
+150˚
±180˚
+90˚
+60˚
+30˚
-120˚
-150˚
-90˚
-60˚
-30˚
S21
10 GHz
S21
0.1 GHz
S12
0.1 GHz
S12
10 GHz


Similar Part No. - NE8500295-6

ManufacturerPart #DatasheetDescription
logo
NEC
NE8500295-6 NEC-NE8500295-6 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE8500295-6 CEL-NE8500295-6 Datasheet
61Kb / 6P
   2 WATT C-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE8500295-6 RENESAS-NE8500295-6 Datasheet
207Kb / 10P
   GaAs MES FET
1996
More results

Similar Description - NE8500295-6

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE85002 CEL-NE85002 Datasheet
61Kb / 6P
   2 WATT C-BAND POWER GaAs MESFET
logo
NEC
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
Infineon Technologies A...
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY38 INFINEON-CLY38 Datasheet
581Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
logo
NEC
NE850R599A NEC-NE850R599A Datasheet
19Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
logo
Infineon Technologies A...
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
logo
NEC
NE8500100 NEC-NE8500100_00 Datasheet
63Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com