Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE85002 Datasheet(PDF) 1 Page - NEC

Part # NE85002
Description  2 WATT C-BAND POWER GaAs MESFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE85002 Datasheet(HTML) 1 Page - NEC

  NE85002 Datasheet HTML 1Page - NEC NE85002 Datasheet HTML 2Page - NEC NE85002 Datasheet HTML 3Page - NEC NE85002 Datasheet HTML 4Page - NEC NE85002 Datasheet HTML 5Page - NEC NE85002 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NE85002
SERIES
FEATURES
CLASS A OPERATION
HIGH EFFICIENCY: ηADD ≥ 39% TYP
BROADBAND CAPABILITY
PACKAGE OPTIONS:
Chip
Hermetic Package
PARTIALLY MATCHED INPUT FOR PACKAGED
DEVICES
PROVEN RELIABILITY
DESCRIPTION
The NE8500295 power GaAs FET covers the 3.5 to 8.5 GHz
frequency range with three different Class A, 2 W partially
matched devices. Each packaged device has an input lumped
element matching network.
The NE8500200 is the six-cell recessed gate chip used in the
"95" package. The device incorporates a Ti-Al gate structure,
SiO2 glassivation and plated heat sink technology.
PART NUMBER
NE85002001
NE8500295-4
NE8500295-6
NE8500295-8
PACKAGE OUTLINE
00 (CHIP)
95
95
95
SYMBOLS
PARAMETERS AND CONDITIONS UNITS
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
IDSS
Saturated Drain Current
VDS = 2.5 V, VGS = 0 V
mA
950
1900
950
1900
950
1900
950
1900
VP
Pinch-off Voltage
VDS = 2.5 V, ID = 8 mA
V
-3.0
-1.0
-3.0
-1.0
-3.0
-1.0
-3.0
-1.0
gm
Transconductance
VDS = 2.5 V, ID = IDSS
mS
600
600
600
600
BVGDO
Drain-Gate Breakdown Voltage
IGD = 8 mA
V
18
18
18
18
IGS
Gate to Source Current, VDS = 10 V,
IDSQ = 450 mA, POUT = PTEST
mA
-2.4
2.4
-2.4
2.4
-2.4
2.4
-2.4
2.4
RTH
Thermal Resistance (Channel-to-Case)
°C/W
10
15
15
15
15
PTEST2
Power Output at Test Point
VDS = 10 V, IDS = 450 mA set
PIN = 27.0 dBm
dBm
33.8
33.5
PIN = 24.5 dBm
dBm
33.8
PIN = 25.5 dBm
dBm
33.8
GL
Linear Gain
VDS = 10 V, IDS = 450 mA
dB
8.0
9.0
10.5
9.5
8.0
ηADD3
Power Added Efficiency
at PTEST
%42
474539
ELECTRICAL CHARACTERISTICS (TC = 25°C)
TYPICAL PERFORMANCE
PART
POUT
FREQUENCY
GL
NUMBER
RANGE
(dBm)
(GHz)
(dB)
NE8500200
33.8 MIN
2.0 to 10
8.0 MIN
NE8500295-4
33.8 MIN
3.5 to 4.5
10.5 MIN
NE8500295-6
33.8 MIN
5.5 to 6.5
9.5 MIN
NE8500295-8
33.5 MIN
7.5 to 8.5
8.0 MIN
SELECTION CHART
2 WATT C-BAND
POWER GaAs MESFET
Notes:
1. Six-cell chip: all cells are used. RF performance of the chip is
determined by packaging 10 chips per wafer. Wafer rejection
criteria for standard devices are 2 rejects per 10 samples.
2. This is a production test. Test frequencies are: -4 @ 4.2 GHz,
-6 @ 6.5 GHz, -8 and NE8500200 @ 8.5 GHz.
3.
California Eastern Laboratories
ηADD =
x 100%
POUT - PIN
VDS - ID


Similar Part No. - NE85002

ManufacturerPart #DatasheetDescription
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE85002 CEL-NE85002 Datasheet
61Kb / 6P
   2 WATT C-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE85002 RENESAS-NE85002 Datasheet
207Kb / 10P
   GaAs MES FET
1996
logo
NEC
NE8500200 NEC-NE8500200 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE8500200 CEL-NE8500200 Datasheet
61Kb / 6P
   2 WATT C-BAND POWER GaAs MESFET
More results

Similar Description - NE85002

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE85002 CEL-NE85002 Datasheet
61Kb / 6P
   2 WATT C-BAND POWER GaAs MESFET
logo
NEC
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
Infineon Technologies A...
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY38 INFINEON-CLY38 Datasheet
581Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
logo
NEC
NE850R599A NEC-NE850R599A Datasheet
19Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
logo
Infineon Technologies A...
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
logo
NEC
NE8500100 NEC-NE8500100_00 Datasheet
63Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com