Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP914CK-4YDT Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP914CK-4YDT
Description  2x3mm QUAD-LEVEL LED INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP914CK-4YDT Datasheet(HTML) 3 Page - Kingbright Corporation

  WP914CK-4YDT Datasheet HTML 1Page - Kingbright Corporation WP914CK-4YDT Datasheet HTML 2Page - Kingbright Corporation WP914CK-4YDT Datasheet HTML 3Page - Kingbright Corporation WP914CK-4YDT Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAF3500
REV NO: V.2
DATE: JUL/21/2006
PAGE: 3 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP: 1102002272
Yellow
WP914CK/4YDT


Similar Part No. - WP914CK-4YDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP914CK-4GDT KINGBRIGHT-WP914CK-4GDT Datasheet
132Kb / 4P
   2x3mm QUAD-LEVEL LED INDICATOR
WP914CK-4IDT KINGBRIGHT-WP914CK-4IDT Datasheet
133Kb / 4P
   2x3mm QUAD-LEVEL LED INDICATOR
More results

Similar Description - WP914CK-4YDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP914CK-4GDT KINGBRIGHT-WP914CK-4GDT Datasheet
132Kb / 4P
   2x3mm QUAD-LEVEL LED INDICATOR
WP914CK-4IDT KINGBRIGHT-WP914CK-4IDT Datasheet
133Kb / 4P
   2x3mm QUAD-LEVEL LED INDICATOR
WP917CK-4YGWT KINGBRIGHT-WP917CK-4YGWT Datasheet
156Kb / 5P
   2x3mm QUAD-LEVEL RECTANGULAR LED LAMP
WP917CK-4EGWT KINGBRIGHT-WP917CK-4EGWT Datasheet
159Kb / 5P
   2x3mm QUAD-LEVEL RECTANGULAR LED LAMP
WP934SB-4SRD KINGBRIGHT-WP934SB-4SRD Datasheet
133Kb / 4P
   T-1 (3mm) QUAD-LEVEL LED INDICATOR
WP934SB-4ID KINGBRIGHT-WP934SB-4ID Datasheet
252Kb / 4P
   T-1 (3mm) QUAD-LEVEL LED INDICATOR
WP934SB-4GD KINGBRIGHT-WP934SB-4GD Datasheet
252Kb / 4P
   T-1 (3mm) QUAD-LEVEL LED INDICATOR
WP934SB-GYGYD KINGBRIGHT-WP934SB-GYGYD Datasheet
428Kb / 6P
   T-1 (3mm) QUAD-LEVEL LED INDICATOR
WP934SB-4YD KINGBRIGHT-WP934SB-4YD Datasheet
252Kb / 4P
   T-1 (3mm) QUAD-LEVEL LED INDICATOR
WP934SB-4LGD KINGBRIGHT-WP934SB-4LGD Datasheet
369Kb / 5P
   T-1 (3mm) QUAD-LEVEL LED INDICATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com