Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE6500379A-T1 Datasheet(PDF) 6 Page - California Eastern Labs

Part # NE6500379A-T1
Description  3W, L/S-BAND MEDIUM POWER GaAs MESFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE6500379A-T1 Datasheet(HTML) 6 Page - California Eastern Labs

  NE6500379A-T1 Datasheet HTML 1Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 2Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 3Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 4Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 5Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 6Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NE6500379A
TYPICAL APPLICATION CIRCUIT PERFORMANCE at VDS = 3 V and VDS = 6 V
GAIN AND PAE vs.
OUTPUT POWER
Output Power, POUT (dBm)
GAIN AND PAE vs.
OUTPUT POWER
Output Power, POUT (dBm)
GAIN AND SATURATION POWER
vs. FREQUENCY
Frequency, f (GHz)
GAIN AND SATURATION POWER
vs. FREQUENCY
Frequency, f (GHz)
12
10
8
6
2
14
4
0
50
40
30
10
60
20
0
20
22
26
28
30
32
34
24
Gain, IDSQ = 200 mA
Gain, IDSQ = 600 mA
PAE, IDSQ = 200 mA
PAE, IDSQ = 600 mA
FC = 1.96 GHz,
VDS = 3 V
14
12
10
8
16
30.50
29.50
28.50
31.50
27.50
1.90
1.92
1.94
1.96
1.98
2.00
2.02
Gain, IDSQ = 100 mA
Gain, IDSQ = 800 mA
POUT, IDSQ = 100 mA
POUT, IDSQ = 800 mA
POUT = 10 dBm for Gain, 23 dBm for PSAT, VDS = 3 V
14
12
10
8
16
36
35
34
37
33
1.90
1.92
1.94
1.96
1.98
2.00
2.02
Gain, IDSQ = 100 mA
Gain, IDSQ = 800 mA
POUT, IDSQ = 100 mA
POUT, IDSQ = 800 mA
POUT = 17 dBm for Gain, 30 dBm for PSAT, VDS = 6 V
12
10
8
6
2
14
4
0
50
40
30
10
60
20
0
20
22
26
28
30
32
34
36
24
Gain, IDSQ = 200 mA
Gain, IDSQ = 600 mA
PAE, IDSQ = 200 mA
PAE, IDSQ = 600 mA
FC = 1.96 GHz,
VDS = 6 V
4.0
1.7
6.1
0.5
0.5
Source
Drain
Gate
Through hole φ 0.2 × 33
P.C.B. LAYOUT (Units in mm)
FOR 79A PACKAGE


Similar Part No. - NE6500379A-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500379A-T1 NEC-NE6500379A-T1 Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE6500379A-T1 RENESAS-NE6500379A-T1 Datasheet
219Kb / 10P
   N-CHANNEL GaAs MES FET
1998
More results

Similar Description - NE6500379A-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
NE6500496 NEC-NE6500496_00 Datasheet
33Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE6501077 CEL-NE6501077_00 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE650496 CEL-NE650496 Datasheet
34Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
NE6501077 CEL-NE6501077 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE6510179A CEL-NE6510179A Datasheet
285Kb / 10P
   NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
NE650103M CEL-NE650103M Datasheet
259Kb / 7P
   10 W L & S-BAND POWER GaAs MESFET
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
   Ku-BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com