Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE6500379A Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE6500379A
Description  3W, L/S-BAND MEDIUM POWER GaAs MESFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE6500379A Datasheet(HTML) 2 Page - California Eastern Labs

  NE6500379A Datasheet HTML 1Page - California Eastern Labs NE6500379A Datasheet HTML 2Page - California Eastern Labs NE6500379A Datasheet HTML 3Page - California Eastern Labs NE6500379A Datasheet HTML 4Page - California Eastern Labs NE6500379A Datasheet HTML 5Page - California Eastern Labs NE6500379A Datasheet HTML 6Page - California Eastern Labs NE6500379A Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TC = 25 °C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
15
VGS
Gate to Source Voltage
V
-7.0
IDS
Drain Current
A
5.6
IGS
Gate Current
mA
50
PT
Total Power Dissipation
W
21
TCH
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
RECOMMENDED OPERATING LIMITS
SYMBOLS
PARAMETERS
UNITS
TYP
MAX
VDS
Drain to Source Voltage
V
6.0
6.0
TCH
Channel Temperature
°C125
GCOMP
Gain Compression
dB
3.0
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NE6500379A
PART NUMBER
QTY
NE6500379A-T1
1 K/Reel
NE6500379A
Bulk, 50 piece min.
ORDERING INFORMATION
TYPICAL PERFORMANCE CURVES (TA = 25°C)
DRAIN CURRENT vs.
DRAIN VOLTAGE
Drain Voltage, VD (V)
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
Case Temperature, TC (°C)
MAXIMUM AVAILABLE GAIN vs.
FREQUENCY
Frequency, f (GHz)
TRANSCONDUCTANCE AND DRAIN
CURRENT vs. GATE VOLTAGE
Gate Voltage, VG (V)
22 W
18
°C
25
20
15
10
5
0
150
100
50
0
RTH = 6
°C/W
1.00
2.00
0.00
0.5
0.8
0.6
0.4
0.2
1.00
0.00
-3.50
-1.50
25.0
20.0
15.0
10.0
5.0
0.1
0.2
0.4
0.6
1.0
2.0
4.0
3 V
300 mA
6 V
500 mA
8 V
500 mA
4
3
2
1
5
0
0
1
3
56
4
2
VGS =
-0.50 V
0 V
-1.0 V
-1.5 V
-2.0 V


Similar Part No. - NE6500379A

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE6500379A RENESAS-NE6500379A Datasheet
219Kb / 10P
   N-CHANNEL GaAs MES FET
1998
logo
NEC
NE6500379A-T1 NEC-NE6500379A-T1 Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE6500379A-T1 RENESAS-NE6500379A-T1 Datasheet
219Kb / 10P
   N-CHANNEL GaAs MES FET
1998
More results

Similar Description - NE6500379A

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
NE6500496 NEC-NE6500496_00 Datasheet
33Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE6501077 CEL-NE6501077_00 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE650496 CEL-NE650496 Datasheet
34Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
NE6501077 CEL-NE6501077 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE6510179A CEL-NE6510179A Datasheet
285Kb / 10P
   NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
NE650103M CEL-NE650103M Datasheet
259Kb / 7P
   10 W L & S-BAND POWER GaAs MESFET
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
   Ku-BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com