Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE33284A Datasheet(PDF) 1 Page - NEC

Part # NE33284A
Description  SUPER LOW NOISE HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE33284A Datasheet(HTML) 1 Page - NEC

  NE33284A_98 Datasheet HTML 1Page - NEC NE33284A_98 Datasheet HTML 2Page - NEC NE33284A_98 Datasheet HTML 3Page - NEC NE33284A_98 Datasheet HTML 4Page - NEC NE33284A_98 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NE33284A
FEATURES
• VERY LOW NOISE FIGURE:
0.8 dB typical at 12 GHz
• HIGH ASSOCIATED GAIN:
10.5 dB Typical at 12 GHz
• GATE LENGTH: 0.3
µm
• GATE WIDTH: 280
µm
• LOW COST METAL/CERAMIC PACKAGE
• TAPE & REEL PACKAGING OPTION AVAILABLE
PART NUMBER
NE33284A
PACKAGE OUTLINE
84AS
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NFOPT1
Optimum Noise Figure, VDS = 2.0 V, IDS = 10 mA,
f = 12 GHz
dB
0.75
1.0
f = 4 GHz
dB
0.35
0.45
GA1
Associated Gain, VDS = 2.0 V, IDS = 10 mA, f = 12 GHz
dB
9.5
10.5
f = 4 GHz
dB
13.0
15.0
P1dB
Output Power at 1 dB Gain Compression Point, f = 12 GHz
VDS = 2.0 V, IDS = 10 mA
dBm
11.2
VDS = 2.0 V, IDS = 20 mA
dBm
12.0
G1dB
Gain at P1dB, f = 12 GHz
VDS = 2.0 V, IDS = 10 mA
dB
10.8
VDS = 2.0 V, IDS = 20 mA
dB
11.0
IDSS
Saturated Drain Current, VDS = 2.0 V,VGS = 0 V
mA
15
40
80
VP
Pinch-off Voltage, VDS = 2.0 V, IDS = 0.1 mA
V
-2.0
-0.8
-0.2
gm
Transconductance, VDS = 2.0 V, ID = 10 mA
mS
45
70
IGSO
Gate to Source Leakage Current, VGS = -3.0 V
µA
0.5
10.0
RTH (CH-A)
Thermal Resistance (Channel to Ambient)
°C/W
630
RTH (CH-C)2
Thermal Resistance (Channel to Case)
°C/W
280
310
ELECTRICAL CHARACTERISTICS (TA = 25°C)
DESCRIPTION
The NE33284A is a Hetero-Junction FET that uses the junction
between Si-doped AlGaAs and undoped InGaAs to create very
high mobility electrons. The device features mushroom shaped
TiAl gates for decreased gate resistance and improved power
handling capabilities. The mushroom gate also results in lower
noise figure and high associated gain. This device is housed in
an epoxy-sealed, metal/ceramic package and is intended for
high volume consumer and industrial applications.
Notes:
1. Typical values of noise figures and associated gain are those obtained when 50% of the devices from a large number of lots were individually
measured in a circuit with the input individually tuned to obtain the minimum value. Maximum values are criteria established on the production line
as a "go-no-go" screening tuned for the "generic" type but not for each specimen.
2. RTH (channel to case) for package mounted on an infinite heat sink.
NOISE FIGURE & ASSOCIATED
GAIN vs. FREQUENCY
VDS = 2 V, IDS = 10 mA
Frequency, f (GHz)
SUPER LOW NOISE HJ FET
California Eastern Laboratories
1
10
20
0
0.2
0.4
0.6
0.8
1.2
1.4
NF
GA
24
21
18
15
12
9
6
3
1


Similar Part No. - NE33284A_98

ManufacturerPart #DatasheetDescription
logo
NEC
NE33284A-SL NEC-NE33284A-SL Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE33284A-T1 NEC-NE33284A-T1 Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE33284A-T1 CEL-NE33284A-T1 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A-T1A NEC-NE33284A-T1A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE33284AS CEL-NE33284AS Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
More results

Similar Description - NE33284A_98

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com