Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH103A-PCB Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # MH103A-PCB
Description  High Dynamic Range 1.9 - 2.7 GHz MMIC Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MH103A-PCB Datasheet(HTML) 4 Page - WJ Communication. Inc.

  MH103A-PCB Datasheet HTML 1Page - WJ Communication. Inc. MH103A-PCB Datasheet HTML 2Page - WJ Communication. Inc. MH103A-PCB Datasheet HTML 3Page - WJ Communication. Inc. MH103A-PCB Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 4 April 2006
The Communications Edge
TM
MH103A
High Dynamic Range 1.9 – 2.7 GHz MMIC Mixer
Product Information
MH103A-G Mechanical Information
This package is lead-free/green/RoHS-compliant. The plating material on the leads is NiPdAu. It is compatible with both lead-free (maximum 260
°C reflow
temperature) and tin-lead (maximum 245
°C reflow temperature) soldering processes.
Application Circuit (MH103A-PCB)
Notes:
1.
All other pins on mixer are grounded.
2.
Circuit board material: .014” FR-4, 4 layers, .062” total thickness
3.
Blocking capacitors are required on the ports (pins 2, 5, 7) if any dc signal is present.
Outline Drawing
Land Pattern / Mounting Configuration
Product Marking
The
component
will
be
marked
with
an
“MH103A-G”
designator
followed
by
an
alphanumeric lot code on the top surface of the
package.
The obsolete tin-lead package is
marked with an “MH103A” designator followed
by an alphanumeric lot code.
Tape and reel specifications for this part are
located on the website in the “Application Notes”
section.
ESD / MSL Information
ESD Classification: Class 1B
Value:
Passes
500V to <1000 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Classification: Class III
Value:
Passes
500 V to <1000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating:
Level 2 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020B
Functional Pin Layout
Pin
Function
1
Ground
2
LO Port
3
Ground
4
Ground
5
IF Port
6
Ground
7
RF Port
8
Ground
RF
LO
PIN 2
PIN 7
IF
PIN 5


Similar Part No. - MH103A-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH103A-PCB WJCI-MH103A-PCB Datasheet
348Kb / 5P
   High Dynamic Range UMTS-Band MMIC Mixer
More results

Similar Description - MH103A-PCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MH102 ETC-MH102 Datasheet
162Kb / 4P
   High Dynamic Range MMIC Mixer
MH101 ETC-MH101 Datasheet
154Kb / 3P
   High Dynamic Range MMIC Mixer
logo
Marki Microwave
MT3H-0113HSM MARKIMICROWAVE-MT3H-0113HSM Datasheet
1Mb / 11P
   GaAs MMIC High Dynamic Range Mixer
MT3-0113SCQG MARKIMICROWAVE-MT3-0113SCQG Datasheet
1Mb / 9P
   GaAs MMIC High Dynamic Range Mixer
MM1-1467L MARKIMICROWAVE-MM1-1467L Datasheet
1Mb / 15P
   GaAs MMIC High Dynamic Range Mixer
MT3H-0113L MARKIMICROWAVE-MT3H-0113L Datasheet
1Mb / 12P
   GaAs MMIC High Dynamic Range Mixer
MT3-0113HCQG MARKIMICROWAVE-MT3-0113HCQG Datasheet
1Mb / 10P
   GaAs MMIC High Dynamic Range Mixer
MT3H-0113LSM MARKIMICROWAVE-MT3H-0113LSM Datasheet
1Mb / 11P
   GaAs MMIC High Dynamic Range Mixer
MT3-0113LCQG MARKIMICROWAVE-MT3-0113LCQG Datasheet
1Mb / 10P
   GaAs MMIC High Dynamic Range Mixer
MT3H-0113H MARKIMICROWAVE-MT3H-0113H Datasheet
1Mb / 12P
   GaAs MMIC High Dynamic Range Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com