Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH103A Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # MH103A
Description  High Dynamic Range 1.9 - 2.7 GHz MMIC Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MH103A Datasheet(HTML) 1 Page - WJ Communication. Inc.

  MH103A Datasheet HTML 1Page - WJ Communication. Inc. MH103A Datasheet HTML 2Page - WJ Communication. Inc. MH103A Datasheet HTML 3Page - WJ Communication. Inc. MH103A Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 4 April 2006
The Communications Edge
TM
MH103A
High Dynamic Range 1.9 – 2.7 GHz MMIC Mixer
Product Information
Product Features
+34 dBm IIP3
RF: 1900 – 2700 MHz
LO: 1600 – 2650 MHz
IF:
50 – 300 MHz
+17 dBm Drive Level
Lead-free/green/RoHS-compliant
SOIC-8 SMT package
No External Bias Required
Applications
Mobile Infrastructure
WiBro / WiMAX Infrastructure
Product Description
The MH103A is a passive GaAs MESFET mixer that
provides high dynamic range performance in a low-cost
lead-free/green/RoHS-compliant SOIC-8 package.
WJ’s
MH103A uses patented techniques to realize +34 dBm
Input IP3 at an LO drive level of +17 dBm and can be used
for
upconverting
or
downconverting
low-side
LO
applications.
This single monolithic integrated circuit does not require
any external baluns, bias, matching, or decoupling
elements. The on-chip diplexer affords good matching on
the RF and IF ports.
Typical
applications
include
frequency
up/down
conversion, modulation and demodulation for receivers and
transmitters used in 3G UMTS systems.
Functional Diagram
1
3
2
4
8
6
7
5
Function
Pin No.
LO
2
IF
5
RF
7
GND
1, 3, 4, 6, 8
Specifications
(1)
Parameter
Units
Min
Typ
Max
Comments
RF Frequency Range
MHz
1900 – 2700
LO Frequency Range
MHz
1600 – 2650
IF Frequency Range
MHz
50 – 300
SSB Conversion Loss
dB
8.2
9.0
See note 1
Noise Figure
dB
8.7
See note 2
Input IP3
dBm
+28
+34
See note 1, 3
Input P1dB
dBm
+16
LO – RF Isolation
dB
21
28
LO – IF Isolation
dB
27
37
RF – IF Isolation
dB
12
18
Return Loss: RF Port
dB
15
Return Loss: IF Port
dB
20
Return Loss: LO Port
dB
12
LO Drive Level
dBm
+17
1. Specifications are guaranteed at: RF / IF = 1900 / 50, 1900 / 200, 2200 / 50, and 2200 / 300 MHz with a low-side LO at +17 dBm in a downconverting application at 25 °C.
2. Assumes LO injection noise is filtered at the thermal noise floor, -174 dBm/Hz, at the RF, IF, and Image frequencies.
3. IIP3 is measured with
Δf = 1 MHz with RF
in = 0 dBm / tone.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-65 to +100 °C
LO Power
+20 dBm
Input IF / RF Power
+20 dBm
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
MH103A-G
High Dynamic Range 1.9 – 2.7 GHz MMIC Mixer
(lead-free/green/RoHS-compliant SOIC-8 package)
MH103A-PCB
Fully-Assembled Mixer Application Board


Similar Part No. - MH103A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH103A WJCI-MH103A Datasheet
348Kb / 5P
   High Dynamic Range UMTS-Band MMIC Mixer
MH103A-G WJCI-MH103A-G Datasheet
348Kb / 5P
   High Dynamic Range UMTS-Band MMIC Mixer
MH103A-PCB WJCI-MH103A-PCB Datasheet
348Kb / 5P
   High Dynamic Range UMTS-Band MMIC Mixer
More results

Similar Description - MH103A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MH102 ETC-MH102 Datasheet
162Kb / 4P
   High Dynamic Range MMIC Mixer
MH101 ETC-MH101 Datasheet
154Kb / 3P
   High Dynamic Range MMIC Mixer
logo
Marki Microwave
MT3H-0113HSM MARKIMICROWAVE-MT3H-0113HSM Datasheet
1Mb / 11P
   GaAs MMIC High Dynamic Range Mixer
MT3-0113SCQG MARKIMICROWAVE-MT3-0113SCQG Datasheet
1Mb / 9P
   GaAs MMIC High Dynamic Range Mixer
MM1-1467L MARKIMICROWAVE-MM1-1467L Datasheet
1Mb / 15P
   GaAs MMIC High Dynamic Range Mixer
MT3H-0113L MARKIMICROWAVE-MT3H-0113L Datasheet
1Mb / 12P
   GaAs MMIC High Dynamic Range Mixer
MT3-0113HCQG MARKIMICROWAVE-MT3-0113HCQG Datasheet
1Mb / 10P
   GaAs MMIC High Dynamic Range Mixer
MT3H-0113LSM MARKIMICROWAVE-MT3H-0113LSM Datasheet
1Mb / 11P
   GaAs MMIC High Dynamic Range Mixer
MT3-0113LCQG MARKIMICROWAVE-MT3-0113LCQG Datasheet
1Mb / 10P
   GaAs MMIC High Dynamic Range Mixer
MT3H-0113H MARKIMICROWAVE-MT3H-0113H Datasheet
1Mb / 12P
   GaAs MMIC High Dynamic Range Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com