Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP2189-PCB1900S Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # FP2189-PCB1900S
Description  1-Watt HFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP2189-PCB1900S Datasheet(HTML) 5 Page - WJ Communication. Inc.

  FP2189-PCB1900S Datasheet HTML 1Page - WJ Communication. Inc. FP2189-PCB1900S Datasheet HTML 2Page - WJ Communication. Inc. FP2189-PCB1900S Datasheet HTML 3Page - WJ Communication. Inc. FP2189-PCB1900S Datasheet HTML 4Page - WJ Communication. Inc. FP2189-PCB1900S Datasheet HTML 5Page - WJ Communication. Inc. FP2189-PCB1900S Datasheet HTML 6Page - WJ Communication. Inc. FP2189-PCB1900S Datasheet HTML 7Page - WJ Communication. Inc. FP2189-PCB1900S Datasheet HTML 8Page - WJ Communication. Inc. FP2189-PCB1900S Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 12
October 2006
FP2189
1-Watt HFET
Product Information
The Communications Edge
TM
Application Circuit: 1930 – 1990 MHz (FP2189-PCB1900S)
The application circuit is matched for output power.
Typical RF Performance
Drain Bias = +8 V, Ids = 250 mA, 25 °°°°C
Frequency
MHz
1930
1960
1990
S21 – Gain
dB
15.6
15.6
15.4
S11 – Input Return Loss
dB
-15.4
-14.6
-13.2
S22 – Output Return Loss
dB
-12
-12
-12
Output P1dB
dBm
+30.2
+30.4
+30.5
Output IP3
(+15 dBm / tone, 1 MHz spacing)
dBm
+43.5
Noise Figure
dB
3.4
3.4
3.6
IS-95 Channel Power
@ -45 dBc ACPR
dBm
+23.8
RES
R=
ID=
5.1 Ohm
R2
CAP
C=
ID=
2.4 pF
C13
IND
L=
ID=
10 nH
L1
RES
R=
ID=
20 Ohm
R1
CAP
C=
ID=
33 pF
C1
CAP
C=
ID=
2.4 pF
C2
IND
L=
ID=
22 nH
L2
CAP
C=
ID=
33 pF
C7
CAP
C=
ID=
1000 pF
C6
CAP
C=
ID=
10000 pF
C8
CAP
C=
ID=
33 pF
C9
CAP
C=
ID=
DNP pF
C11
CAP
C=
ID=
DNP pF
C10
CAP
C=
ID=
33 pF
C3
CAP
C=
ID=
1000 pF
C4
CAP
C=
ID=
DNP pF
C5
CAP
C=
ID=
DNP pF
C12
CAP
C=
ID=
1.5 pF
C14
1
2
SUBCKT
NET=
ID=
"FP2189"
Q1
PORT
Z=
P=
50 Ohm
1
PORT
Z=
P=
50 Ohm
2
-Vgg
Vds=8V @ 250 mA
14 mil GETEK
TM ML200DSS (ε
r = 4.2)
The main microstrip line has a line impedance of 50
.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C3, C7, C9
100 pF
Chip capacitor
0603
C2, C13
2.4 pF
Chip capacitor
0603
C4, C6
1000 pF
Chip capacitor
0603
C8
0.1 µF
Chip capacitor
1206
C14
1.5 pF
Chip capacitor
0603
L1
10 nH
Multilayer chip inductor
0603
L2
22 nH
Multilayer chip inductor
0603
R1
20
Chip resistor
0603
R2
5.1
Chip resistor
0603
Q1
FP2189
WJ 1W HFET
SOT-89
C5, C10, C11, C12
Do Not Place


Similar Part No. - FP2189-PCB1900S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP2189-PCB1900S ETC-FP2189-PCB1900S Datasheet
451Kb / 6P
   high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
logo
WJ Communication. Inc.
FP2189-PCB1900S WJCI-FP2189-PCB1900S Datasheet
644Kb / 13P
   1 - Watt HFET
More results

Similar Description - FP2189-PCB1900S

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
logo
TriQuint Semiconductor
TGF2961-SD TRIQUINT-TGF2961-SD Datasheet
656Kb / 20P
   1 Watt DC-4 GHz Packaged HFET
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
   2-Watt HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0189 SIRENZA-SHF-0189 Datasheet
99Kb / 4P
   0.05 - 6 GHz, 0.5 Watt GaAs HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com