Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE32500N Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE32500N
Description  C TO KA BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ FET CHIP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE32500N Datasheet(HTML) 3 Page - California Eastern Labs

  NE32500N Datasheet HTML 1Page - California Eastern Labs NE32500N Datasheet HTML 2Page - California Eastern Labs NE32500N Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1-32
PART
IDSS SELECTION (mA)
NE32500
20 to 90 (Standard)
NE32500N
0 to 60
NE32500M
50 to 90
ORDERING INFORMATION
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE32500
VDS = 2 V, IDS = 10 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.5
0.999
-4
4.34
177
0.006
82
0.564
-3
1.0
0.998
-7
4.33
174
0.012
84
0.562
-6
2.0
0.996
-14
4.28
168
0.025
81
0.559
-11
3.0
0.992
-20
4.24
163
0.037
76
0.557
-17
4.0
0.976
-28
4.169
158
0.048
71
0.551
-23
5.0
0.962
-36
4.11
152
0.060
66
0.546
-29
6.0
0.962
-42
4.06
148
0.070
62
0.539
-34
7.0
0.943
-48
3.95
143
0.079
58
0.533
-40
8.0
0.928
-55
3.83
139
0.087
55
0.526
-44
9.0
0.920
-60
3.73
134
0.095
51
0.519
-49
10.0
0.900
-67
3.58
129
0.104
47
0.508
-54
11.0
0.881
-72
3.46
126
0.109
43
0.503
-58
12.0
0.869
-77
3.334
122
0.114
40
0.494
-62
13.0
0.856
-82
3.23
118
0.120
37
0.488
-66
14.0
0.839
-86
3.11
115
0.123
34
0.483
-69
15.0
0.831
-91
3.01
112
0.127
32
0.476
-72
16.0
0.818
-96
2.88
108
0.131
29
0.472
-76
17.0
0.804
-99
2.78
105
0.134
27
0.468
-79
18.0
0.796
-103
2.68
103
0.137
24
0.464
-81
19.0
0.784
-106
2.59
100
0.0141
22
0.460
-84
20.0
0.782
-111
2.49
96
0.142
20
0.456
-88
Note:
1. Gain Calculation:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE32500
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
6/21/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.


Similar Part No. - NE32500N

ManufacturerPart #DatasheetDescription
logo
NEC
NE32500 NEC-NE32500 Datasheet
39Kb / 8P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
logo
Renesas Technology Corp
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - NE32500N

ManufacturerPart #DatasheetDescription
logo
NEC
NE32500 NEC-NE32500 Datasheet
39Kb / 8P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
NE321000 NEC-NE321000 Datasheet
48Kb / 12P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
NE32400 NEC-NE32400 Datasheet
85Kb / 8P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com