Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29DL163BD-90PBT Datasheet(PDF) 2 Page - SPANSION

Part # MBM29DL163BD-90PBT
Description  FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29DL163BD-90PBT Datasheet(HTML) 2 Page - SPANSION

  MBM29DL163BD-90PBT Datasheet HTML 1Page - SPANSION MBM29DL163BD-90PBT Datasheet HTML 2Page - SPANSION MBM29DL163BD-90PBT Datasheet HTML 3Page - SPANSION MBM29DL163BD-90PBT Datasheet HTML 4Page - SPANSION MBM29DL163BD-90PBT Datasheet HTML 5Page - SPANSION MBM29DL163BD-90PBT Datasheet HTML 6Page - SPANSION MBM29DL163BD-90PBT Datasheet HTML 7Page - SPANSION MBM29DL163BD-90PBT Datasheet HTML 8Page - SPANSION MBM29DL163BD-90PBT Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
MBM29DL16XTD/BD-70/90
2
(Continued)
• Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
48-pin TSOP(1) (Package suffix: PFTN – Normal Bend Type, PFTR – Reversed Bend Type)
48-ball FBGA (Package suffix: PBT)
• Minimum 100,000 program/erase cycles
• High performance
70 ns maximum access time
• Sector erase architecture
Eight 4K word and thirty one 32K word sectors in word mode
Eight 8K byte and thirty one 64K byte sectors in byte mode
Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
T = Top sector
B = Bottom sector
• HiddenROM region
64K byte of HiddenROM, accessible through a new “HiddenROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
•WP/ACC input pin
At VIL, allows protection of boot sectors, regardless of sector group protection/unprotection status
At VACC, increases program performance
• Embedded EraseTM* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode.
•Low VCC write inhibit
≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Sector group protection
Hardware method disables any combination of sector groups from program or erase operations
• Sector Group Protection Set function by Extended sector group protection command
• Fast Programming Function by Extended Command
• Temporary sector group unprotection
Temporary sector group unprotection via the RESET pin.
• In accordance with CFI (Common Flash Memory Interface)
* : Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29DL163BD-90PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL163BD FUJITSU-MBM29DL163BD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
More results

Similar Description - MBM29DL163BD-90PBT

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV160DT-B MCNIX-MX29LV160DT-B Datasheet
1Mb / 66P
   16M-BIT [2M x 8 / 1M x 16] 3V SUPPLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com