Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV400BC-55PFTN Datasheet(PDF) 4 Page - SPANSION

Part # MBM29LV400BC-55PFTN
Description  FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29LV400BC-55PFTN Datasheet(HTML) 4 Page - SPANSION

  MBM29LV400BC-55PFTN Datasheet HTML 1Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 2Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 3Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 4Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 5Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 6Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 7Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 8Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
MBM29LV400TC-55/70/90/MBM29LV400BC-55/70/90
4
s PIN ASSIGNMENTS
(Continued)
A15
A14
A13
A12
A11
A10
A9
A8
N.C.
N.C.
WE
RESET
N.C.
N.C.
RY/BY
N.C.
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MBM29LV400TC/MBM29LV400BC
Normal Bend
MBM29LV400TC/MBM29LV400BC
Reverse Bend
TSOP(1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
N.C.
RY/BY
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
RESET
WE
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
V SS
DQ 15/A-1
DQ 7
DQ 14
DQ 6
DQ 13
DQ5
DQ 12
DQ4
VCC
SOP
(Top View)
A16
BYTE
VSS
DQ 15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE
VSS
CE
A0
A0
CE
VSS
OE
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
VCC
DQ4
DQ12
DQ5
DQ13
DQ6
DQ14
DQ7
DQ15/A-1
VSS
BYTE
A16
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
A1
A2
A3
A4
A5
A6
A7
A17
N.C.
RY/BY
N.C.
N.C.
RESET
WE
N.C.
N.C.
A8
A9
A10
A11
A12
A13
A14
A15
(Marking Side)
(Marking Side)
FPT-44P-M16
FPT-48P-M19
FPT-48P-M20


Similar Part No. - MBM29LV400BC-55PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV400BC-12 FUJITSU-MBM29LV400BC-12 Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400BC-12PBT FUJITSU-MBM29LV400BC-12PBT Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400BC-12PCV FUJITSU-MBM29LV400BC-12PCV Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400BC-12PF FUJITSU-MBM29LV400BC-12PF Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400BC-12PFTN FUJITSU-MBM29LV400BC-12PFTN Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29LV400BC-55PFTN

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com